Electronic Components Datasheet Search
  English  ▼

X  

MPC104AP Datasheet(PDF) 12 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC104AP
Description  Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC104AP Datasheet(HTML) 12 Page - Burr-Brown (TI)

Back Button MPC104AP Datasheet HTML 7Page - Burr-Brown (TI) MPC104AP Datasheet HTML 8Page - Burr-Brown (TI) MPC104AP Datasheet HTML 9Page - Burr-Brown (TI) MPC104AP Datasheet HTML 10Page - Burr-Brown (TI) MPC104AP Datasheet HTML 11Page - Burr-Brown (TI) MPC104AP Datasheet HTML 12Page - Burr-Brown (TI) MPC104AP Datasheet HTML 13Page - Burr-Brown (TI) MPC104AP Datasheet HTML 14Page - Burr-Brown (TI) MPC104AP Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
®
MPC104
12
FIGURE 7. Test Circuit Pulse Response.
R
S =
50
Ω
Pulse
Generator
R
IN =
50
Ω
DSO
12.5GHz
50
Ω
180
Ω
R
IN
100
Ω
50
Ω
DUT
CH1 or CH2
MPC104
R
OUT
C
OUT
50
Ω
R
B
47
Ω
BUF601
STR
8
4
5
5
8
6
5
7
8
14
5
13
8
12
5
11
HC4094
2
31
15
OE
SER
Out
8
4
5
5
8
6
5
7
8
14
5
13
8
12
5
11
2
31
15
SER
Out
8
4
5
5
8
6
5
7
8
14
5
13
8
12
5
11
2
31
15
SER
Out
Clock
SER In
3
3
• • •
3
Parallel Out
HC4094
Parallel Out
HC4094
Parallel Out
D
MPC
104
MPC
104
MPC
104
MPC
104
MPC
104
MPC
104
MPC
104
MPC
104
MPC
104
MPC
104
MPC
104
MPC
104
• • •
• • •
• • •
FIGURE 10. Serial Bus-Controlled Distribution Field.
FIGURE 8. Test Circuit Differential Gain and Phase.
FIGURE 9. Test Circuit Frequency Response.
50
Ω
180
Ω
R
IN
100
Ω
50
Ω
DUT
CH1 or CH2
MPC104
R
OUT
C
OUT
50
Ω
R
B
47
Ω
R
IN =
50
Ω
Spectrum
Analyzer
BUF601
R
S =
50
Ω
Generator
MPC104
R
S =
75
Ω
4.43MHz
VDC
Generator
OPA623
R
IN =
75
Ω
Video
Analyzer
75
Ω
R
OUT
10k
Ω
150
Ω
R
IN
100
Ω
75
Ω
DUT
CH1 or CH2
75
Ω
75
Ω
+
–
290
Ω
290
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com