Electronic Components Datasheet Search
  English  ▼

X  

SPGP0280A Datasheet(PDF) 4 Page - SemiHow Co.,Ltd.

Part # SPGP0280A
Description  Variable frequency operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

SPGP0280A Datasheet(HTML) 4 Page - SemiHow Co.,Ltd.

  SPGP0280A Datasheet HTML 1Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 2Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 3Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 4Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 5Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 6Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 7Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Notes :
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS(water test) process
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
V
START
Start Threshold Voltage
V
FB = GND
14
15
16
V
STOP
Stop Threshold Voltage
V
FB = GND
8.4
9
9.6
UVLO Section
FOSC
Initial Accuracy
57
64
71
--
Frequency Change With
Temperature (Note 2)
-25 C
Ta
+85 C
--
5
10
DMAX
Maximum Duty Cycle
73
77
82
Oscillator Section
I
FB
Feedback Source Current
Ta=25 C, 0V<Vfb<3V
0.7
0.9
1.1
V
SD
Shutdown Feedback Voltage
Vfb>6.5V
5.4
6
6.6
Idelay
Shutdown Delay Current
Ta=25 C, 5V Vfb VSD
45
6
FEEDBACK Section
Reference Section
Electrical Characteristics ( Control Part )
Ta=25 C, unless otherwise specified
V
REF
Reference Output Voltage (Note 1) Ta=25 C
4.8
5
5.2
Vref/ T
Temperature Stability (Note 1 , 2)
-25 C
Ta
+85 C
--
0.3
0.6
mV/ C
I
OVER
Peak Current Limit
Max. inductor current
1.05
1.2
1.34
Protection Section
V
OVP
Over Voltage Protection
VCC
20V
20
--
23
T
SD
Thermal Shutdown Temperature
(Tj) (Note 1)
--
140
160
--
C
Protection Section
I
START
Start-up Current
VCC = 14V
--
100
170
I
OP
Operating Supply Current
(Control Part Only)
VCC
20V
--
3
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com