Electronic Components Datasheet Search
  English  ▼

X  

SPGP0280A Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # SPGP0280A
Description  Variable frequency operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

SPGP0280A Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  SPGP0280A Datasheet HTML 1Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 2Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 3Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 4Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 5Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 6Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 7Page - SemiHow Co.,Ltd. SPGP0280A Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Notes :
1. Pulse Test : Pulse Width
2.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 1.0 A
--
5.6
7.0
On Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 50
800
--
--
I
DSS
Zero Gate Voltage Drain Current
V
DS = 800 V, VGS = 0 V
--
--
250
V
DS = 640 V, TC = 125
--
--
1000
Off Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
480
620
C
oss
Output Capacitance
--
45
60
C
rss
Reverse Transfer Capacitance
--
8.5
11.0
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 400 V, ID = 2.0 A,
R
G = 25
--
20
--
T
r
Turn-On Rise Time
--
30
--
t
d(off)
Turn-Off Delay Time
--
45
--
t
f
Turn-Off Fall Time
--
30
--
Q
g
Total Gate Charge
V
DS = 400V, ID = 2.0 A,
V
GS = 10 V
--
12
16
Q
gs
Gate-Source Charge
--
3.0
--
Q
gd
Gate-Drain Charge
--
4.5
--
Switching Characteristics
Electrical Characteristics ( SenseFET Part )
Ta=25 C, unless otherwise specified
R
S
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com