Electronic Components Datasheet Search
  English  ▼

X  

IRGP4262DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRGP4262DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4262DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRGP4262DPBF Datasheet HTML 1Page - International Rectifier IRGP4262DPBF Datasheet HTML 2Page - International Rectifier IRGP4262DPBF Datasheet HTML 3Page - International Rectifier IRGP4262DPBF Datasheet HTML 4Page - International Rectifier IRGP4262DPBF Datasheet HTML 5Page - International Rectifier IRGP4262DPBF Datasheet HTML 6Page - International Rectifier IRGP4262DPBF Datasheet HTML 7Page - International Rectifier IRGP4262DPBF Datasheet HTML 8Page - International Rectifier IRGP4262DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRGP4262DPbF/IRGP4262D-EPbF
5
www.irf.com
© 2013 International Rectifier
June 12, 2013
0
10
20
30
40
50
IC (A)
1
10
100
1000
tR
tdOFF
tF
tdON
46
8
10
12
14
VGE (V)
0
20
40
60
80
100
TJ = 25°C
TJ = 175°C
Fig. 13
- Typ. Transfer Characteristics
VCE = 50V; tp = 20µs
0
20
40
60
80
100
RG ()
10
100
1000
tR
tdOFF
tF
tdON
Fig. 15
- Typ. Switching Time vs. IC
TJ = 175°C; L = 0.40mH; VCE = 400V, RG = 10
; VGE = 15V
0
2040
6080
100
Rg ()
0
400
800
1200
1600
2000
2400
EOFF
EON
Fig. 16
- Typ. Energy Loss vs. RG
TJ = 175°C; L = 0.40mH; VCE = 400V, ICE = 24A; VGE = 15V
0
1020
304050
IC (A)
0
500
1000
1500
2000
2500
3000
EOFF
EON
Fig. 14
- Typ. Energy Loss vs. IC
TJ = 175°C; L = 0.40mH; VCE = 400V, RG = 10
; VGE = 15V
Fig. 17
- Typ. Switching Time vs. RG
TJ = 175°C; L = 0.40mH; VCE = 400V, ICE = 24A; VGE = 15V
510
15
20
VGE (V)
0
2
4
6
8
10
12
ICE= 12A
ICE= 24A
ICE= 48A
Fig. 12
- Typical VCE vs. VGE
TJ = 175°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com