Electronic Components Datasheet Search
  English  ▼

X  

IRGP4262DPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRGP4262DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4262DPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRGP4262DPBF Datasheet HTML 4Page - International Rectifier IRGP4262DPBF Datasheet HTML 5Page - International Rectifier IRGP4262DPBF Datasheet HTML 6Page - International Rectifier IRGP4262DPBF Datasheet HTML 7Page - International Rectifier IRGP4262DPBF Datasheet HTML 8Page - International Rectifier IRGP4262DPBF Datasheet HTML 9Page - International Rectifier IRGP4262DPBF Datasheet HTML 10Page - International Rectifier IRGP4262DPBF Datasheet HTML 11Page - International Rectifier IRGP4262DPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRGP4262DPbF/IRGP4262D-EPbF
9
www.irf.com
© 2013 International Rectifier
June 12, 2013
Fig. WF1
- Typ. Turn-off Loss Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF2
- Typ. Turn-on Loss Waveform
@ TJ = 175°C using Fig. CT.4
Fig. WF4
- Typ. S.C. Waveform
@ TJ = 150°C using Fig. CT.3
Fig. WF3
- Typ. Diode Recovery Waveform
@ TJ = 175°C using Fig. CT.4
-10
0
10
20
30
40
50
60
-100
0
100
200
300
400
500
600
-0.3
-0.05
0.2
0.45
0.7
time(µs)
90% ICE
10% VCE
10% ICE
Eoff Loss
tf
-10
0
10
20
30
40
50
60
-100
0
100
200
300
400
500
600
-0.5
0
0.5
1
time (µs)
TEST
CURRENT
90%
ICE
10% VCE
10%
ICE
tr
Eon Loss
-30
-20
-10
0
10
20
30
40
-0.15
0.00
0.15
0.30
time (µs)
Peak
IRR
tRR
QRR
-25
0
25
50
75
100
125
150
-100
0
100
200
300
400
500
600
-5.0
0.0
5.0
10.0
time (µs)
VCE
ICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com