Electronic Components Datasheet Search
  English  ▼

X  

IRGP4262DPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRGP4262DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4262DPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRGP4262DPBF Datasheet HTML 4Page - International Rectifier IRGP4262DPBF Datasheet HTML 5Page - International Rectifier IRGP4262DPBF Datasheet HTML 6Page - International Rectifier IRGP4262DPBF Datasheet HTML 7Page - International Rectifier IRGP4262DPBF Datasheet HTML 8Page - International Rectifier IRGP4262DPBF Datasheet HTML 9Page - International Rectifier IRGP4262DPBF Datasheet HTML 10Page - International Rectifier IRGP4262DPBF Datasheet HTML 11Page - International Rectifier IRGP4262DPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRGP4262DPbF/IRGP4262D-EPbF
11
www.irf.com
© 2013 International Rectifier
June 12, 2013
TO-247AD Package Outline
Dimensions are shown in millimeters (inches)
TO-247AD Part Marking Information
ASS E M B L Y
Y E A R 0 = 2 000
A S S E M B L E D O N W W 35, 2000
IN T H E A SSE M B L Y L IN E "H "
E X A M P L E : TH IS IS A N IR G P 3 0 B 120K D -E
L O T C O D E 5657
WIT H A S S E M B L Y
PA R T N U M B ER
DA T E CO D E
IN T E R N A T IO N A L
RE C T IF IE R
LO G O
03 5H
5 6
5 7
WE E K 3 5
LIN E H
LO T C O D E
N o te : "P " in a s s e m b ly lin e p o s itio n
in d ic a te s "L ea d -F ree "
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
TO-247AD package is not recommended for Surface Mount Application.
2x
c
"A"
"A"
E
E2/2
Q
E2
2X
L1
L
D
A
e
2x b2
3x b
LEADTIP
SEE
VIEW"B"
b4
B
A
Ø.010
B A
A2
A1
Ø.010
B A
D1
S
E1
THERMAL PAD
-A-
ØP
Ø.010
B A
VIEW: "B"
SECTION: C-C, D-D, E-E
(b, b2, b4)
(c)
BASEMETAL
PLATING
VIEW: "A" - "A"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com