Electronic Components Datasheet Search
  English  ▼

X  

HL02R Datasheet(PDF) 1 Page - C&D Technologies

Part # HL02R
Description  2 WATT REGULATED DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HL02R Datasheet(HTML) 1 Page - C&D Technologies

  HL02R Datasheet HTML 1Page - C&D Technologies HL02R Datasheet HTML 2Page - C&D Technologies HL02R Datasheet HTML 3Page - C&D Technologies HL02R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HL02RrevD,10/97
Page 1
oscillator in the input stage with low-drop regula-
tors on the outputs reducing the output noise and
maintaining good efficiency.
The use of surface mount construction and auto-
mated manufacturing processes increase consistency
and reliability while reducing overall cost.
TYPICAL PERFORMANCE CURVES
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
EFFICIENCY vs LOAD
100%
50%
0%
50%
75%
100%
0%
25%
ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation.......................................................1.5W
Short Circuit Duration....................................................Continuous
Lead Temperature (soldering, 10 seconds max)................+300°C
*
Note: Refer to Reflow Profile for SMD Models.
*
ORDERING INFORMATION
Device Family
HL Indicates DC/DC Converter
Model Number
Where:
xx = Input Voltage
y = Number or Outputs (Single "S", Dual "D")
zz = Output Voltage
Package Option
Screening Option
DIP Package only
q
q
q
q
q SURFACE MOUNT CONSTRUCTION
q
q
q
q
q TEMPERATURE RANGE: -25°C TO +70°C
FEATURES
q
q
q
q
q LOW COST
q
q
q
q
q INTERNAL FILTERING
q
q
q
q
q LOW OUTPUT NOISE
q
q
q
q
q SHORT CIRCUIT PROTECTION
DESCRIPTION
The HL02R Series offers an extensive selection of
input and output voltage combinations to choose
from. These minature, regulated DC/DC converters
come in a 24 pin DIP and SMD packages. This small
size is possible through the use of surface mount
manufacturing technologies.
The HL02R Series utilizes a 110KHz push-pull
HL02R xxyzz Y/Z /H
TECHNOLOGIES
Product Data Sheet
2 WATTS REGULATED
DC/DC CONVERTER
HL02R
TM
3400 E Britannia Dr, Ste 122
l Tucson, Arizona 85706 l Phone: 520.628.8292 l Fax: 520.770.9369 l Internet: http://www.pcc1.com


Similar Part No. - HL02R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
HL02R05D12YC MURATA-PS-HL02R05D12YC Datasheet
128Kb / 3P
2 WATT REGULATED DC/DC CONVERTER
HL02R05D15YC MURATA-PS-HL02R05D15YC Datasheet
128Kb / 3P
2 WATT REGULATED DC/DC CONVERTER
HL02R05S05YC MURATA-PS-HL02R05S05YC Datasheet
128Kb / 3P
2 WATT REGULATED DC/DC CONVERTER
HL02R05S12YC MURATA-PS-HL02R05S12YC Datasheet
128Kb / 3P
2 WATT REGULATED DC/DC CONVERTER
HL02R05S15YC MURATA-PS-HL02R05S15YC Datasheet
128Kb / 3P
2 WATT REGULATED DC/DC CONVERTER
More results

Similar Description - HL02R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL01R CANDD-HL01R Datasheet
49Kb / 4P
1 WATT REGULATED DC/DC CONVERTER
PWR51XX CANDD-PWR51XX Datasheet
108Kb / 2P
9 WATT REGULATED DC/DC CONVERTER
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPN20R CANDD-WPN20R Datasheet
849Kb / 4P
20 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
1 WATT REGULATED DC/DC CONVERTER
HL01RYC MURATA-PS-HL01RYC Datasheet
125Kb / 3P
1 WATT REGULATED DC/DC CONVERTER
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
1 WATT REGULATED DC/DC CONVERTER
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
2 WATT REGULATED DC/DC CONVERTER
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
1.8 WATT REGULATED DC/DC CONVERTER
WPN20R MURATA-PS-WPN20R Datasheet
215Kb / 5P
20 Watt Regulated DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com