Electronic Components Datasheet Search
  English  ▼

X  

HL02R Datasheet(PDF) 3 Page - C&D Technologies

Part # HL02R
Description  2 WATT REGULATED DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HL02R Datasheet(HTML) 3 Page - C&D Technologies

  HL02R Datasheet HTML 1Page - C&D Technologies HL02R Datasheet HTML 2Page - C&D Technologies HL02R Datasheet HTML 3Page - C&D Technologies HL02R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HL02RrevD,10/97
Page 3
0.100±0.010"
(2.54±0.25)
0.020±0.002"
(0.51±0.05)
0.015±0.005"
(0.38±0.13)
0.375±0.005"
(9.52±0.13)
1.285±0.010"
(32.64±0.25)
24 23 22
15 14 13
12
11
10
3
2
1
0.014±0.002"
(0.36±0.05)
.015±.010"
(.38±.25)
0.525±0.010"
(13.34±0.25)
0.695±0.015"
(17.65±0.38)
Package/Pinout "Y" and "Z"
0°-
15°
0.125+0.030"
-0.000"
(3.18+0.76)
(
-0.00)
0.600"
(15.24)
0.100±0.010"
(2.54±0.25)
0.020±0.002"
(0.51±0.05)
0.015±0.005"
(0.38±0.13)
0.375±0.005"
(9.52±0.13)
1.285±0.010"
(32.64±0.25)
24 23 22
15 14 13
12
11
10
3
2
1
0.525±0.010"
(13.34±0.25)
SIDE VIEWS
TOP VIEWS
END VIEWS
SMD PACKAGE
DIP PACKAGE
HL02RxxyzzY
HL02RxxyzzZ
PIN CONNECTIONS
RECOMMENDED LAND PATTERN
24 23 22
15 14 13
12
11
10
3
2
1
0.730"
(18.54)
1.150"
(29.21)
0.100"
(2.54)
0.080"
(2.03)
0.040"
(1.02)
50
100
150
200
250
TIME (seconds)
235 °C MAX
220
190
30 sec MAX
(>220°C)
90 sec MAX
(>190°C)
RECOMMENDED REFLOW PROFILE
NC = No Internal Connection.
NU = Do Not Use.
Duplicate pin functions are internally connected.
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
Typically Marked with: specific model ordered, date
code, job code and Logo.
MECHANICAL
PIN#
SINGLES
DUALS
1
+VIN
+VIN
2
NU
-VOUT
3
NU
Common
10
-VOUT
Common
11
+VOUT
+VOUT
12
-VIN
-VIN
13
-VIN
-VIN
14
+VOUT
+VOUT
15
-VOUT
Common
22
NU
Common
23
NU
-VOUT
24
+VIN
+VIN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com