Electronic Components Datasheet Search
  English  ▼

X  

HL02R Datasheet(PDF) 2 Page - C&D Technologies

Part # HL02R
Description  2 WATT REGULATED DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

HL02R Datasheet(HTML) 2 Page - C&D Technologies

  HL02R Datasheet HTML 1Page - C&D Technologies HL02R Datasheet HTML 2Page - C&D Technologies HL02R Datasheet HTML 3Page - C&D Technologies HL02R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HL02RrevD,10/97
Page 2
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
4.75
5
5.25
VDC
11.4
12
12.6
VDC
14.25
15
15.75
VDC
22.8
24
25.2
VDC
Reflected Ripple Current
30
100
mAp-p
ISOLATION
Rated Voltage
500
VDC
Test Voltage
60 Hz, 10 Seconds
500
Vpk
Resistance
1G
Ω
Capacitance
25
pF
Leakage Current
V
ISO= 240VAC, 60Hz
2
µArms
OUTPUT
Rated Power
2W
Voltage Setpoint Accuracy
±0.5
±5
%
Temperature Coefficent
±0.02
%/°C
Ripple & Noise
BW = DC to 10MHz
25
100
mVp-p
BW =10Hz to 2MHz
10
mVrms
5V Output - Singles Only
250
350
mVp-p
Line Regulation
High Line to Low Line
±0.5
±1.0
%
Load Regulation
Rated Load to No Load
±0.1
±0.5
%
GENERAL
Switching Frequency
110
kHz
Package Weight
12
g
MTTF per MIL-HDBK-217, Rev. F
Circuit Stress Method
Ground Benign
T
A = +25°C
1100
kHr
T
A = +70°C
20
kHr
TEMPERATURE
Specification
-25
+70
°C
Operation
-40
+85
°C
Storage
-40
+110
°C
NOMINAL
RATED
RATED
INPUT CURRENT
INPUT
OUTPUT
OUTPUT
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
RATED LOAD
EFFICIENCY
MODEL
(VDC)
(VDC)
(mA)
(mA)
(mA)(%)
HL02R05S05
5
5
400
70
640
62
HL02R05S12
5
12
166
70
580
69
HL02R05S15
5
15
134
70
580
69
HL02R12S05
12
5
400
40
280
60
HL02R12S12
12
12
166
40
250
67
HL02R12S15
12
15
134
40
250
67
HL02R15S05
15
5
400
30
230
58
HL02R15S12
15
12
166
30
200
67
HL02R15S15
15
15
134
30
200
67
HL02R24S05
24
5
400
15
135
62
HL02R24S12
24
12
166
15
120
67
HL02R24S15
24
15
134
15
120
67
HL02R05D12
5
±12
±83
70
640
62
HL02R05D15
5
±15
±67
70
640
62
HL02R12D12
12
±12
±83
40
270
62
HL02R12D15
12
±15
±67
40
270
62
HL02R15D12
15
±12
±83
30
220
61
HL02R15D15
15
±15
±67
30
220
61
HL02R24D12
24
±12
±83
15
135
62
HL02R24D15
24
±15
±67
15
135
62
Note: Other input to output voltages may be available. Please consult factory.
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.
COMMON SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Specifications typical at T
A = +25°C, nominal input voltage, rated output current unless otherwise specified.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com