Electronic Components Datasheet Search
  English  ▼

X  

LPC1765 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1765 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 43Page - NXP Semiconductors LPC1765 Datasheet HTML 44Page - NXP Semiconductors LPC1765 Datasheet HTML 45Page - NXP Semiconductors LPC1765 Datasheet HTML 46Page - NXP Semiconductors LPC1765 Datasheet HTML 47Page - NXP Semiconductors LPC1765 Datasheet HTML 48Page - NXP Semiconductors LPC1765 Datasheet HTML 49Page - NXP Semiconductors LPC1765 Datasheet HTML 50Page - NXP Semiconductors LPC1765 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 9.3 — 8 January 2014
47 of 86
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
IDD(ADC)
ADC supply current
active mode;
ADC powered
[16][17] -1.95
-mA
ADC in Power-down
mode
[16][18] -<0.2
-
A
deep sleep mode
[16] -38
-nA
power-down mode
[16] -38
-nA
deep power-down mode
[16] -24
-nA
II(ADC)
ADC input current
on pin VREFP
deep sleep mode
[19] -100
-nA
power-down mode
[19] -100
-nA
deep power-down
mode
[19] -100
-nA
Standard port pins, RESET, RTCK
IIL
LOW-level input current VI = 0 V; on-chip pull-up
resistor disabled
-
0.5
10
nA
IIH
HIGH-level input
current
VI =VDD(3V3); on-chip
pull-down resistor
disabled
-
0.5
10
nA
IOZ
OFF-state output
current
VO =0V; VO =VDD(3V3);
on-chip pull-up/down
resistors disabled
-
0.5
10
nA
VI
input voltage
pin configured to provide
a digital function
[20][21]
[22]
0-
5.0
V
VO
output voltage
output active
0
-
VDD(3V3)
V
VIH
HIGH-level input
voltage
0.7VDD(3V3) --V
VIL
LOW-level input voltage
-
-
0.3VDD(3V3) V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
IOH = 4 mA
VDD(3V3)
0.4
--V
VOL
LOW-level output
voltage
IOL = 4 mA
--0.4
V
IOH
HIGH-level output
current
VOH =VDD(3V3)  0.4 V
4
--mA
IOL
LOW-level output
current
VOL = 0.4 V
4
--mA
IOHS
HIGH-level short-circuit
output current
VOH =0 V
[23] --
45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD(3V3)
[23] --50
mA
Ipd
pull-down current
VI =5V
10
50
150
A
Ipu
pull-up current
VI =0V
15
50
85
A
VDD(3V3) <VI < 5 V
000
A
Table 8.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com