Electronic Components Datasheet Search
  English  ▼

X  

LPC1765 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1765 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 53Page - NXP Semiconductors LPC1765 Datasheet HTML 54Page - NXP Semiconductors LPC1765 Datasheet HTML 55Page - NXP Semiconductors LPC1765 Datasheet HTML 56Page - NXP Semiconductors LPC1765 Datasheet HTML 57Page - NXP Semiconductors LPC1765 Datasheet HTML 58Page - NXP Semiconductors LPC1765 Datasheet HTML 59Page - NXP Semiconductors LPC1765 Datasheet HTML 60Page - NXP Semiconductors LPC1765 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 9.3 — 8 January 2014
57 of 86
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
12.5 I2C-bus
[1]
See the I2C-bus specification UM10204 for details.
[2]
Parameters are valid over operating temperature range unless otherwise specified.
[3]
A device must internally provide a hold time of at least 300 ns for the SDA signal (with respect to the
VIH(min) of the SCL signal) to bridge the undefined region of the falling edge of SCL.
[4]
Cb = total capacitance of one bus line in pF.
[5]
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA
output stage tf is specified at 250 ns. This allows series protection resistors to be connected in between the
SDA and the SCL pins and the SDA/SCL bus lines without exceeding the maximum specified tf.
[6]
In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors
are used, designers should allow for this when considering bus timing.
[7]
tHD;DAT is the data hold time that is measured from the falling edge of SCL; applies to data in transmission
and the acknowledge.
[8]
The maximum tHD;DAT could be 3.45 s and 0.9 s for Standard-mode and Fast-mode but must be less than
the maximum of tVD;DAT or tVD;ACK by a transition time (see the I2C-bus specification UM10204). This
maximum must only be met if the device does not stretch the LOW period (tLOW) of the SCL signal. If the
clock stretches the SCL, the data must be valid by the set-up time before it releases the clock.
[9]
tSU;DAT is the data set-up time that is measured with respect to the rising edge of SCL; applies to data in
transmission and the acknowledge.
[10] A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system but the requirement tSU;DAT =
250 ns must then be met. This will automatically be the case if the device does not stretch the LOW period
of the SCL signal. If such a device does stretch the LOW period of the SCL signal, it must output the next
data bit to the SDA line tr(max) + tSU;DAT = 1000 + 250 = 1250 ns (according to the Standard-mode I2C-bus
specification) before the SCL line is released. Also the acknowledge timing must meet this set-up time.
Table 14.
Dynamic characteristic: I2C-bus pins[1]
Tamb = 40 C to +85 C.[2]
Symbol
Parameter
Conditions
Min
Max
Unit
fSCL
SCL clock
frequency
Standard-mode
0
100
kHz
Fast-mode
0
400
kHz
Fast-mode Plus
0
1
MHz
tf
fall time
[3][4][5][6]
of both SDA and
SCL signals
Standard-mode
-
300
ns
Fast-mode
20 + 0.1
 C
b
300
ns
Fast-mode Plus
-
120
ns
tLOW
LOW period of
the SCL clock
Standard-mode
4.7
-
s
Fast-mode
1.3
-
s
Fast-mode Plus
0.5
-
s
tHIGH
HIGH period of
the SCL clock
Standard-mode
4.0
-
s
Fast-mode
0.6
-
s
Fast-mode Plus
0.26
-
s
tHD;DAT
data hold time
[3][7][8]
Standard-mode
0
-
s
Fast-mode
0
-
s
Fast-mode Plus
0
-
s
tSU;DAT
data set-up
time
[9][10]
Standard-mode
250
-
ns
Fast-mode
100
-
ns
Fast-mode Plus
50
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com