Electronic Components Datasheet Search
  English  ▼

X  

LPC1765 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # LPC1765
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC1765 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button LPC1765 Datasheet HTML 76Page - NXP Semiconductors LPC1765 Datasheet HTML 77Page - NXP Semiconductors LPC1765 Datasheet HTML 78Page - NXP Semiconductors LPC1765 Datasheet HTML 79Page - NXP Semiconductors LPC1765 Datasheet HTML 80Page - NXP Semiconductors LPC1765 Datasheet HTML 81Page - NXP Semiconductors LPC1765 Datasheet HTML 82Page - NXP Semiconductors LPC1765 Datasheet HTML 83Page - NXP Semiconductors LPC1765 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 86 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 9.3 — 8 January 2014
80 of 86
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
18. Abbreviations
Table 26.
Abbreviations
Acronym
Description
ADC
Analog-to-Digital Converter
AHB
Advanced High-performance Bus
AMBA
Advanced Microcontroller Bus Architecture
APB
Advanced Peripheral Bus
BOD
BrownOut Detection
CAN
Controller Area Network
DAC
Digital-to-Analog Converter
DMA
Direct Memory Access
EOP
End Of Packet
GPIO
General Purpose Input/Output
IRC
Internal RC
IrDA
Infrared Data Association
JTAG
Joint Test Action Group
MAC
Media Access Control
MIIM
Media Independent Interface Management
OHCI
Open Host Controller Interface
OTG
On-The-Go
PHY
Physical Layer
PLL
Phase-Locked Loop
PWM
Pulse Width Modulator
RIT
Repetitive Interrupt Timer
RMII
Reduced Media Independent Interface
SE0
Single Ended Zero
SPI
Serial Peripheral Interface
SSI
Serial Synchronous Interface
SSP
Synchronous Serial Port
TCM
Tightly Coupled Memory
TTL
Transistor-Transistor Logic
UART
Universal Asynchronous Receiver/Transmitter
USB
Universal Serial Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com