Electronic Components Datasheet Search
  English  ▼

X  

LPC2132 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2132
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2132 Datasheet HTML 7Page - NXP Semiconductors LPC2132 Datasheet HTML 8Page - NXP Semiconductors LPC2132 Datasheet HTML 9Page - NXP Semiconductors LPC2132 Datasheet HTML 10Page - NXP Semiconductors LPC2132 Datasheet HTML 11Page - NXP Semiconductors LPC2132 Datasheet HTML 12Page - NXP Semiconductors LPC2132 Datasheet HTML 13Page - NXP Semiconductors LPC2132 Datasheet HTML 14Page - NXP Semiconductors LPC2132 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5.1 — 29 July 2011
11 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
P0.23
58[1]
I/O
General purpose digital input/output pin.
P0.25/AD0.4/
AOUT
9[5]
I
AD0.4 — ADC 0, input 4. This analog input is always connected to its pin.
O
AOUT — DAC output. Not available in LPC2131.
P0.26/AD0.5
10[4]
I
AD0.5 — ADC 0, input 5. This analog input is always connected to its pin.
P0.27/AD0.0/
CAP0.1/MAT0.1
11[4]
I
AD0.0 — ADC 0, input 0. This analog input is always connected to its pin.
I
CAP0.1 — Capture input for Timer 0, channel 1.
O
MAT0.1 — Match output for Timer 0, channel 1.
P0.28/AD0.1/
CAP0.2/MAT0.2
13[4]
I
AD0.1 — ADC 0, input 1. This analog input is always connected to its pin.
I
CAP0.2 — Capture input for Timer 0, channel 2.
O
MAT0.2 — Match output for Timer 0, channel 2.
P0.29/AD0.2/
CAP0.3/MAT0.3
14[4]
I
AD0.2 — ADC 0, input 2. This analog input is always connected to its pin.
I
CAP0.3 — Capture input for Timer 0, channel 3.
O
MAT0.3 — Match output for Timer 0, channel 3.
P0.30/AD0.3/
EINT3/CAP0.0
15[4]
I
AD0.3 — ADC 0, input 3. This analog input is always connected to its pin.
I
EINT3 — External interrupt 3 input.
I
CAP0.0 — Capture input for Timer 0, channel 0.
P0.31
17[6]
O
General purpose digital output only pin.
Important: This pin MUST NOT be externally pulled LOW when RESET pin is LOW or
the JTAG port will be disabled.
P1.0 to P1.31
I/O
Port 1: Port 1 is a 32-bit bidirectional I/O port with individual direction controls for each
bit. The operation of port 1 pins depends upon the pin function selected via the pin
connect block. Pins 0 through 15 of port 1 are not available.
P1.16/
TRACEPKT0
16[6]
O
TRACEPKT0 — Trace Packet, bit 0. Standard I/O port with internal pull-up.
P1.17/
TRACEPKT1
12[6]
O
TRACEPKT1 — Trace Packet, bit 1. Standard I/O port with internal pull-up.
P1.18/
TRACEPKT2
8[6]
O
TRACEPKT2 — Trace Packet, bit 2. Standard I/O port with internal pull-up.
P1.19/
TRACEPKT3
4[6]
O
TRACEPKT3 — Trace Packet, bit 3. Standard I/O port with internal pull-up.
P1.20/
TRACESYNC
48[6]
O
TRACESYNC — Trace Synchronization. Standard I/O port with internal pull-up. LOW
on TRACESYNC while RESET is LOW enables pins P1.25:16 to operate as Trace port
after reset.
P1.21/
PIPESTAT0
44[6]
O
PIPESTAT0 — Pipeline Status, bit 0. Standard I/O port with internal pull-up.
P1.22/
PIPESTAT1
40[6]
O
PIPESTAT1 — Pipeline Status, bit 1. Standard I/O port with internal pull-up.
P1.23/
PIPESTAT2
36[6]
O
PIPESTAT2 — Pipeline Status, bit 2. Standard I/O port with internal pull-up.
P1.24/
TRACECLK
32[6]
O
TRACECLK — Trace Clock. Standard I/O port with internal pull-up.
P1.25/EXTIN0
28[6]
I
EXTIN0 — External Trigger Input. Standard I/O with internal pull-up.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com