Electronic Components Datasheet Search
  English  ▼

X  

LPC2132 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC2132
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC2132 Datasheet HTML 23Page - NXP Semiconductors LPC2132 Datasheet HTML 24Page - NXP Semiconductors LPC2132 Datasheet HTML 25Page - NXP Semiconductors LPC2132 Datasheet HTML 26Page - NXP Semiconductors LPC2132 Datasheet HTML 27Page - NXP Semiconductors LPC2132 Datasheet HTML 28Page - NXP Semiconductors LPC2132 Datasheet HTML 29Page - NXP Semiconductors LPC2132 Datasheet HTML 30Page - NXP Semiconductors LPC2132 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5.1 — 29 July 2011
27 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
8.
Static characteristics
Table 6.
Static characteristics
Tamb = 40 C to +85 C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VDD
supply voltage (core and
external rail)
3.0
3.3
3.6
V
VDDA
analog 3.3 V pad supply
voltage
2.5
3.3
3.6
V
Vi(VBAT)
input voltage on pin VBAT
[2] 2.0
3.3
3.6
V
Vi(VREF)
input voltage on pin VREF
2.5
3.3
3.6
V
Standard port pins, RESET, P1.26/RTCK
IIL
LOW-level input current
VI = 0 V; no pull-up
-
-
3
A
IIH
HIGH-level input current
VI =VDD; no-pull-down
-
-
3
A
IOZ
OFF-state output current
VO =0V; VO =VDD; no
pull-up/down
--
3
A
Ilatch
I/O latch-up current
(0.5V
DD) < VI < (1.5VDD);
Tj <125 C
-
-
100
mA
VI
input voltage
pin configured to provide a
digital function
[3][4][5]
[6]
0-
5.5
V
VO
output voltage
output active
0
-
VDD
V
VIH
HIGH-level input voltage
2.0
-
-
V
VIL
LOW-level input voltage
-
-
0.8
V
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output voltage IOH = 4 mA
[7] VDD  0.4
-
-
V
VOL
LOW-level output voltage
IOL = 4 mA
[7] --
0.4
V
IOH
HIGH-level output current
VOH =VDD  0.4 V
[7]
4-
-
mA
IOL
LOW-level output current
VOL = 0.4 V
[7] 4-
-
mA
IOHS
HIGH-level short-circuit
output current
VOH =0 V
[8] --
45
mA
IOLS
LOW-level short-circuit
output current
VOL =VDDA
[8] --
50
mA
Ipd
pull-down current
VI =5V
[9] 10
50
150
A
Ipu
pull-up current
VI =0 V
[10]
15
50
85
A
VDD < VI < 5 V
[9] 00
0
A
IDD(act)
active mode supply
current
VDD = 3.3 V; Tamb =25 C;
code
while(1){}
executed from flash, no active
peripherals
CCLK = 10 MHz
-
10
-
mA
CCLK = 60 MHz
-
40
-
mA
IDD(pd)
Power-down mode supply
current
VDD = 3.3 V; Tamb =25 C-
60
-
A
VDD = 3.3 V; Tamb =85 C
-
200
500
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com