Electronic Components Datasheet Search
  English  ▼

X  

LPC2132 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # LPC2132
Description  Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2132 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button LPC2132 Datasheet HTML 26Page - NXP Semiconductors LPC2132 Datasheet HTML 27Page - NXP Semiconductors LPC2132 Datasheet HTML 28Page - NXP Semiconductors LPC2132 Datasheet HTML 29Page - NXP Semiconductors LPC2132 Datasheet HTML 30Page - NXP Semiconductors LPC2132 Datasheet HTML 31Page - NXP Semiconductors LPC2132 Datasheet HTML 32Page - NXP Semiconductors LPC2132 Datasheet HTML 33Page - NXP Semiconductors LPC2132 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
LPC2131_32_34_36_38
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5.1 — 29 July 2011
30 of 45
NXP Semiconductors
LPC2131/32/34/36/38
Single-chip 16/32-bit microcontrollers
9.1 Timing
9.2 LPC2138 power consumption measurements
Fig 7.
External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)
tCHCL
tCLCX
tCHCX
Tcy(clk)
tCLCH
002aaa907
Test conditions: code executed from flash; all peripherals are enabled in PCONP register; PCLK = CCLK/4.
(1) VDD = 3.6 V at 60 C (max)
(2) VDD = 3.6 V at 140 C
(3) VDD = 3.6 V at 25 C
(4) VDD = 3.3 V at 25 C (typical)
(5) VDD = 3.3 V at 95 C (typical)
Fig 8.
IDD(act) measured at different frequencies (CCLK) and temperatures
002aab404
20
10
30
40
0
frequency (MHz)
0
60
40
20
10
50
30
(1)
(2)
(3)
(4)
(5)
IDD (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com