Electronic Components Datasheet Search
  English  ▼

X  

NDY Datasheet(PDF) 1 Page - C&D Technologies

Part # NDY
Description  Isolated 3W Wide Input DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NDY Datasheet(HTML) 1 Page - C&D Technologies

  NDY Datasheet HTML 1Page - C&D Technologies NDY Datasheet HTML 2Page - C&D Technologies NDY Datasheet HTML 3Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.cdpoweronline.com
SELECTION GUIDE
FEATURES
■
Industry Standard Footprint
■
Single Isolated Output
■
Short Circuit Protection
■
Operating Temperature Range
-40°C to +85°C
■
Low Profile 24 Pin Case
■
Efficiency to 82%
■
Power Density 0.90W/cm3
■
2:1 Wide Input Range
■
5V, 12V, 24V & 48V Input
■
3.3V, 5V, 9V, 12V & 15V Output
■
Footprint 4.73cm2
■
UL 94V-0 Package Materials
■
No Heatsink Required
■
Internal SMD Construction
■
Fully Encapsulated
■
Lead Free Compatible
DESCRIPTION
The NDY series is a range of low profile
DC/DC converters offering a single regulated
output over a 2:1 input voltage range. All
parts deliver 3W output power up to 85°C
without heatsinking, except the 4.5V to 9V
input voltage range which should be derated
to 2W at the lower input voltage. A flyback
oscillator design with isolated feedback is
used to give regulation over the full operating
range of 25% to 100% of full load. It is
strongly recommended that external
capacitors be used on input and output to
guarantee performance over full load and
input voltage range (see recommended filter
circuit for values). The plastic case and
encapsulant materials are rated to UL 94V-0
and the connection pins are formed from a
tin plated alloy 42 leadframe.
Nominal Rated
Input
Input
Output
Output Current 4
Current
Voltage Voltage
Min Load
Full Load
Full Load
MTTF3
Order Code
(V)
(V)
(mA)
(mA)
(mA)
(%)
(pF)
kHrs
NDY0505
55
100 -150
400- 600
615
66
40
1939
NDY0509
59
55-83
222-333
563
72
52
1926
NDY0512
5
12
42-62
166-250
548
71
43
1907
NDY0515
515
33-50
133-200
533
73
44
1924
NDY1205
12
5
150
600
362
71
36
1928
NDY1209
12
9
83
333
320
78
52
1916
NDY1212
12
12
62
250
316
78
44
1897
NDY1215
12
15
50
200
308
79
47
1914
NDY2403
24
3.3
227
909
178
70
30
1671
NDY2405
24
5
150
600
174
70
36
1673
NDY2409
24
9
83
333
156
78
52
1663
NDY2412
24
12
62
250
154
80
44
1644
NDY2415
24
15
50
200
150
82
54
1657
NDY4803
48
3.3
227
909
87
71
30
1676
NDY4805
48
5
150
600
87
73
35
1668
NDY4809
48
9
83
333
78
80
52
1663
NDY4812
48
12
62
250
77
81
44
1648
NDY4815
48
15
50
200
76
81
53
1661
Parameter
Conditions
MIN
TYP
MAX
Units
All NDY05XX
4.5
5
9
Voltage Range
All NDY12XX
9
12
18
VDC
All NDY24XX
18
24
36
All NDY48XX
36
48
72
NDY24032
180
360
NDY48032
140
290
Reflected1
All NDY05XX
400
500
Ripple
All NDY12XX
150
170
mA p-p
Current
All other NDY24XX
290
360
All other NDY48XX
100
127
Short-circuit protection
continuous
Input voltage 05 types
10V
Input voltage 12 types
20V
Input voltage 24 types
40V
Input voltage 48 types
80V
Lead temperature 1.5mm from case for 10 seconds
300°C
Minimum Load
25% of rated load
Internal Dissipation
1.7W
INPUT CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
1 Measured at full load with external input/output capacitors, refer to filter circuit 1.
2 For lower ripple refer to filter circuit 2.
3 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
4 Refer to power derating graph.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
NDY SERIES
Isolated 3W Wide Input DC/DC Converters


Similar Part No. - NDY

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NDY MURATA-PS-NDY Datasheet
376Kb / 6P
Isolated 3W Wide Input DC-DC Converters
2023
logo
Murata Manufacturing Co...
NDY0505C MURATA-NDY0505C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
NDY0509C MURATA-NDY0509C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
NDY0512C MURATA-NDY0512C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
NDY0512C MURATA-PS-NDY0512C Datasheet
376Kb / 6P
Isolated 3W Wide Input DC-DC Converters
2023
More results

Similar Description - NDY

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
Isolated 3W Wide Input Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
Artesyn Technologies
BXA3 ARTESYN-BXA3 Datasheet
65Kb / 3P
3W Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
Isolated 3W Wide Input Dual Output DC/DC Converters
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
Isolated 3W Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2D TOPPOWER-TP2D Datasheet
568Kb / 3P
3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
3W 1KVDC Isolated Wide Input DC/DC Converters
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com