Electronic Components Datasheet Search
  English  ▼

X  

NDY Datasheet(PDF) 2 Page - C&D Technologies

Part # NDY
Description  Isolated 3W Wide Input DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NDY Datasheet(HTML) 2 Page - C&D Technologies

  NDY Datasheet HTML 1Page - C&D Technologies NDY Datasheet HTML 2Page - C&D Technologies NDY Datasheet HTML 3Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Conditions
MIN
TYP
MAX
Units
Voltage Set Point Accuracy
With external input/output capacitors, refer to filter circuits
±1
±5
%
Low line to high line, 3.3V output with external input/output capacitors,
0.05
0.2
%
Line Regulation
refer to filter circuit 1
Low line to high line, with external input/output capacitors,
0.05
0.5
%
refer to filter circuit 1
25% load to 100% load, 3.3V output with external input/output capacitors,
0.6
0.5
%
Load Regulation
refer to filter circuit 1
25% load to 100% load, with external input/output capacitors,
0.2
0.5
%
refer to filter circuit 1
BW = 20Hz to 300kHz. 3.3V output with external input/output capacitors,
80
120
mV rms
Ripple2
refer to filter circuit 1
BW = 20Hz to 300kHz. With external input/output capacitors,
510
mV rms
refer to filter circuit 1
BW = DC to 100MHz. 3.3V output with external input/output capacitors,
180
mV p-p
Noise
refer to filter circuit 1
BW = DC to 100MHz. With external input/output capacitors,
50
100
mV p-p
refer to filter circuit 1
OUTPUT CHARACTERISTICS
www.cdpoweronline.com
1 Measured at full load with external input/output capacitors, refer to filter circuit 1.
2 For lower ripple refer to filter circuit 2.
3 Calculated using MIL-HDBK-217F with nominal input voltage at full load.
4 Refer to power derating graph.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
NDY SERIES
Isolated 3W Wide Input DC/DC Converters
ISOLATION CHARACTERISTICS
GENERAL CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=500VDC
1
GΩ
Parameter
Conditions
MIN
TYP
MAX
Units
100% load VIN nominal 3.3V output
160
220
Switching Frequency
25% load VIN nominal 3.3V output
290
560
kHz
100% load VIN nominal
80
220
25% load VIN nominal
290
560
Weight: 6.2g (3.3V O/P 6.7g)
PIN CONNECTIONS (TOP VIEW)
1.27 (32.26)
0.577
(14.66)
0.275
(7.00)
0.185 (4.70)
0.145 (3.70)
0.033 (0.84)
0.021 (0.54)
0.012 (0.30)
0.008 (0.20)
124
10
15
11
14
12
13
VIN
0V
+V
GND
VIN
0V
+V
GND
0.10
(2.54)
1.10 (27.94)
0.644
(16.35) Max
MECHANICAL DIMENSIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com