Electronic Components Datasheet Search
  English  ▼

X  

NDY Datasheet(PDF) 3 Page - C&D Technologies

Part # NDY
Description  Isolated 3W Wide Input DC-DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NDY Datasheet(HTML) 3 Page - C&D Technologies

  NDY Datasheet HTML 1Page - C&D Technologies NDY Datasheet HTML 2Page - C&D Technologies NDY Datasheet HTML 3Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: info@cdtechno-ncl.com
www.cdpoweronline.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2003
NDC NDY.3
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.cdpoweronline.com
NDY SERIES
Isolated 3W Wide Input DC/DC Converters
ENVIRONMENTAL
NDY05 POWER DERATING CURVE
Parameter
Conditions
MIN
TYP
MAX
Units
Operation
-40
85
°C
Storage
-50
130
°C
Cooling
Free air convection
5
4
3
2
1
0
4.5 5
6
78
9
Input Voltage (V)
FILTER CIRCUITS
EXTERNAL CAPACITANCE
Although these converters will work without
external capacitors, they are necessary in
order to guarantee the full parametric
performance over the full line and load
range. All parts have been tested and
characterised using the following values and
test circuit.
OUTPUT LOAD
The minimum rated load across the whole
input voltage range is 25% of the full load
output. It is important to take care that the
load does not fall below this as the output
ripple will greatly increase. While this
condition will not harm the device the
resultant increase in output ripple could cause
customers’ application to malfunction.
Value
CIN
10µF, 200V
Philips Part Number
151621809 or any
good low esr capacitor
COUT
100µF, 25V
Philips Part Number
13556101 or any good
low esr capacitor
LOUT
C&D Technologies Part
No 24100
NDY
COUT
CIN
VIN
+VOUT
GND
OV
FILTER CIRCUIT 1
FILTER CIRCUIT 2 Recommended circuit for reduced ripple 3.3V O/P
NDY
CIN
COUT
VIN
+VOUT
GND
OV
LOUT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com