Electronic Components Datasheet Search
  English  ▼

X  

197-080 Datasheet(PDF) 16 Page - Altech corporation

Part # 197-080
Description  TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

197-080 Datasheet(HTML) 16 Page - Altech corporation

Back Button 197-080 Datasheet HTML 12Page - Altech corporation 197-080 Datasheet HTML 13Page - Altech corporation 197-080 Datasheet HTML 14Page - Altech corporation 197-080 Datasheet HTML 15Page - Altech corporation 197-080 Datasheet HTML 16Page - Altech corporation 197-080 Datasheet HTML 17Page - Altech corporation 197-080 Datasheet HTML 18Page - Altech corporation 197-080 Datasheet HTML 19Page - Altech corporation 197-080 Datasheet HTML 20Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
29
110.0 mm
(4.33 in)
95.0 mm
(3.74 in)
50.0 mm
(1.97 in)
80.0 mm
(3.15 in)
103.0 mm
(4.06 in)
28.0 mm
(1.10 in)
165.0 mm
(6.50 in)
111.0 mm
(4.37 in)
90.0 mm
(3.54 in)
75.0 mm
(2.95 in)
97.0 mm
(3.82 in)
150.0 mm
(5.91 in)
72.0 mm
(2.83 in)
A
B
Dimensions
45.5 mm
(1.79 in)
180 mm
(7.09 in)
45.5 mm
(1.79 in)
Side B
Side A
28.5 mm
(1.12 in)
28.5 mm
(1.12 in)
110 mm
(4.33 in)
44.5 mm
(1.75 in)
44.5 mm
(1.75 in)
90 mm
(3.54 in)
26.5 mm
(1.04 in)
26.5 mm
(1.04 in)
55.0 mm
(2.17 in)
M 20 - 20.0 mm (0.79 in)
M 25 - 25.0 mm (0.98 in)
M 32 - 32.0 mm (1.26 in)
M 40 - 40.0 mm (1.57 in)
M 20 - 20.0 mm (0.79 in)
M 20 - 20.0 mm (0.79 in)
TK 1811
Knockout Positions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com