Electronic Components Datasheet Search
  English  ▼

X  

197-080 Datasheet(PDF) 17 Page - Altech corporation

Part # 197-080
Description  TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

197-080 Datasheet(HTML) 17 Page - Altech corporation

Back Button 197-080 Datasheet HTML 13Page - Altech corporation 197-080 Datasheet HTML 14Page - Altech corporation 197-080 Datasheet HTML 15Page - Altech corporation 197-080 Datasheet HTML 16Page - Altech corporation 197-080 Datasheet HTML 17Page - Altech corporation 197-080 Datasheet HTML 18Page - Altech corporation 197-080 Datasheet HTML 19Page - Altech corporation 197-080 Datasheet HTML 20Page - Altech corporation 197-080 Datasheet HTML 21Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
30
Smooth Sidewalls
Polystyrene
Polycarbonate
1
Ordering
Height
Cover
Std.
Cover
Std.
Information
mm (in)
Cat. No.
Type
Color
Pk.
Cat. No.
Type
Color
Pk.
Enclosure - low cover
63 mm (2.48 in)
110-413
PS 1818-6f-o
gray
2
120-413
PC 1818-6f-o
gray
2
Enclosure - high cover
84 mm (3.31 in)
110-913
PS 1818-8f-o
gray
2
120-913
PC 1818-8f-o
gray
2
Enclosure - top hat cover
137 mm (5.39 in)
109-413
PS 1818-13f-o
gray
1
121-413
PC 1818-13f-o
gray
1
Enclosure - low cover
63 mm (2.48 in)
111-013
PS 1818-6f-to
trans.
2
130-013
PC 1818-6f-to
trans.
2
Enclosure - high cover
84 mm (3.31 in)
111-513
PS 1818-8f-to
trans.
2
130-513
PC 1818-8f-to
trans.
2
Enclosure - top hat cover
137 mm (5.39 in)
112-013
PS 1818-13f-to
trans.
1
131-013
PC 1818-13f-to
trans.
1
Sidewalls with Metric Knockouts
Polystyrene
Polycarbonate
1
Ordering
Height
Cover
Std.
Cover
Std.
Information
mm (in)
Cat. No.
Type
Color
Pk.
Cat. No.
Type
Color
Pk.
Enclosure - low cover
63 mm (2.48 in)
105-413
PS 1818-6f-m
gray
2
127-413
PC 1818-6f-m
gray
2
Enclosure - high cover
84 mm (3.31 in)
105-913
PS 1818-8f-m
gray
2
127-913
PC 1818-8f-m
gray
2
Enclosure - top hat cover
137 mm (5.39 in)
104-413
PS 1818-13f-m
gray
1
128-413
PC 1818-13f-m
gray
1
Enclosure - low cover
63 mm (2.48 in)
106-013
PS 1818-6f-tm
trans.
2
137-013
PC 1818-6f-tm
trans.
2
Enclosure - high cover
84 mm (3.31 in)
106-513
PS 1818-8f-tm
trans.
2
137-513
PC 1818-8f-tm
trans.
2
Enclosure - top hat cover
137 mm (5.39 in)
107-013
PS 1818-13f-tm
trans.
1
138-013
PC 1818-13f-tm
trans
1
Accessories
Ordering
Std.
Information
Cat. No.
Type
Pk.
Mounting Plate
195-007
MP1818
1
DIN Rail TS35-144mm
198-144
TS 35/144
1
Hinge Kit Set
190-005
HK2
1
Mounting Tab Kit
194-001
MT1
1
Please refer to pages 116-120 for additional accessories and detailed information.
TK 1818f – Polystyrene and Polycarbonate – 182x180mm (7.17x7.09in.)
Standard Features
• Protection Level:
IP66 (NEMA Type: 4X with gray cover,
12K with transparent cover)
• Technical:
Smooth or Knockout Sidewalls
Gray or Tinted Transparent Cover
Multiple Enclosure Mounting Options
• Enclosure Material: Polystyrene or Polycarbonate
• Gasket Material:
Polyurethane
• Color:
Light Gray
• Temperature Range: Polystyrene
-40°C to 70°C (-40°F to 158°F)
Polycarbonate
-35°C to 120°C (-31°F to 248°F)
• Accessories:
See section below
E254144
1
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com