Electronic Components Datasheet Search
  English  ▼

X  

197-080 Datasheet(PDF) 22 Page - Altech corporation

Part # 197-080
Description  TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

197-080 Datasheet(HTML) 22 Page - Altech corporation

Back Button 197-080 Datasheet HTML 18Page - Altech corporation 197-080 Datasheet HTML 19Page - Altech corporation 197-080 Datasheet HTML 20Page - Altech corporation 197-080 Datasheet HTML 21Page - Altech corporation 197-080 Datasheet HTML 22Page - Altech corporation 197-080 Datasheet HTML 23Page - Altech corporation 197-080 Datasheet HTML 24Page - Altech corporation 197-080 Datasheet HTML 25Page - Altech corporation 197-080 Datasheet HTML 26Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
254 mm
(10.0 in)
239 mm
(9.41 in)
190 mm
(7.48 in)
120 mm
(4.72 in)
137 mm
(5.39 in)
84 mm
(3.31 in)
63 mm
(2.48 in)
45 mm
(1.77 in)
49 mm
(1.93 in)
70 mm
(2.76 in)
123 mm
(4.84 in)
224 mm
(8.82 in)
247 mm
(9.72 in)
38.4 mm
(1.51 in)
29.5 mm
(1.16 in)
29.5 mm
(1.16 in)
29.6 mm
(1.17 in)
51.6 mm
(2.03 in)
38.4 mm
(1.51 in)
Side A
Side B
M 32 - 32 mm (1.26 in)
M 25 - 25 mm (0.98 in)
M 32 - 32 mm (1.26 in)
M 25 - 25 mm (0.98 in)
M 20 - 20 mm (0.79 in)
M 16 - 16 mm (0.63 in)
M 20 - 20 mm (0.79 in)
M 16 - 16 mm (0.63 in)
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
35
Dimensions
TK 2518f
Knockout Positions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com