Electronic Components Datasheet Search
  English  ▼

X  

110-409 Datasheet(PDF) 13 Page - Altech corporation

Part # 110-409
Description  TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

110-409 Datasheet(HTML) 13 Page - Altech corporation

Back Button 110-409 Datasheet HTML 9Page - Altech corporation 110-409 Datasheet HTML 10Page - Altech corporation 110-409 Datasheet HTML 11Page - Altech corporation 110-409 Datasheet HTML 12Page - Altech corporation 110-409 Datasheet HTML 13Page - Altech corporation 110-409 Datasheet HTML 14Page - Altech corporation 110-409 Datasheet HTML 15Page - Altech corporation 110-409 Datasheet HTML 16Page - Altech corporation 110-409 Datasheet HTML 17Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
26
Smooth Sidewalls
Polystyrene
Polycarbonate
1
Ordering
Height
Cover
Std.
Cover
Std.
Information
mm (in)
Cat. No.
Type
Color
Pk.
Cat. No.
Type
Color
Pk.
Enclosure - low cover
57 mm (2.24 in)
110-410
PS 1809-6-o
gray
2
120-410
PC 1809-6-o
gray
2
Enclosure - high cover
81 mm (3.19 in)
110-910
PS 1809-8-o
gray
2
120-910
PC 1809-8-o
gray
2
Enclosure - low cover
57 mm (2.24 in)
111-010
PS 1809-6-to
trans.
2
130-010
PC 1809-6-to
trans.
2
Enclosure - high cover
81 mm (3.19 in)
111-510
PS 1809-8-to
trans.
2
130-510
PC 1809-8-to
trans.
2
Sidewalls with Metric Knockouts
Polystyrene
Polycarbonate
1
Ordering
Height
Cover
Std.
Cover
Std.
Information
mm (in)
Cat. No.
Type
Color
Pk.
Cat. No.
Type
Color
Pk.
Enclosure - low cover
57 mm (2.24 in)
105-410
PS 1809-6-m
gray
2
127-410
PC 1809-6-m
gray
2
Enclosure - high cover
81 mm (3.19 in)
105-910
PS 1809-8-m
gray
2
127-910
PC 1809-8-m
gray
2
Enclosure - low cover
57 mm (2.24 in)
106-010
PS 1809-6-tm
trans.
2
137-010
PC 1809-6-tm
trans.
2
Enclosure - high cover
81 mm (3.19 in)
106-510
PS 1809-8-tm
trans.
2
137-510
PC 1809-8-tm
trans.
2
Accessories
Ordering
Std.
Information
Cat. No.
Type
Pk.
Mounting Plate
195-010
MP1809
1
DIN Rail TS35-144mm
198-144
TS 35/144
1
DIN Rail TS15-154mm
197-154
TS 15/154
1
Hinge Kit Set
190-002
HK1
1
Mounting Tab Kit
194-001
MT1
1
Please refer to pages 116-120 for additional accessories and detailed information.
TK 1809 – Polystyrene and Polycarbonate – 180x94mm (7.09x3.70in.)
Standard Features
• Protection Level:
IP66 (NEMA Type: 4X with gray cover,
12K with transparent cover)
• Technical:
Smooth or Knockout Sidewalls
Gray or Tinted Transparent Cover
Multiple Enclosure Mounting Options
• Enclosure Material: Polystyrene or Polycarbonate
• Gasket Material:
Polyurethane
• Color:
Light Gray
• Temperature Range: Polystyrene
-40°C to 70°C (-40°F to 158°F)
Polycarbonate
-35°C to 120°C (-31°F to 248°F)
• Accessories:
See section below
E208470
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com