Electronic Components Datasheet Search
  English  ▼

X  

110-409 Datasheet(PDF) 21 Page - Altech corporation

Part # 110-409
Description  TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

110-409 Datasheet(HTML) 21 Page - Altech corporation

Back Button 110-409 Datasheet HTML 17Page - Altech corporation 110-409 Datasheet HTML 18Page - Altech corporation 110-409 Datasheet HTML 19Page - Altech corporation 110-409 Datasheet HTML 20Page - Altech corporation 110-409 Datasheet HTML 21Page - Altech corporation 110-409 Datasheet HTML 22Page - Altech corporation 110-409 Datasheet HTML 23Page - Altech corporation 110-409 Datasheet HTML 24Page - Altech corporation 110-409 Datasheet HTML 25Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Smooth Sidewalls
Polystyrene
Polycarbonate
1
Ordering
Height
Cover
Std.
Cover
Std.
Information
mm (in)
Cat. No.
Type
Color
Pk.
Cat. No.
Type
Color
Pk.
Enclosure - low cover
63 mm (2.48 in)
110-411
PS 2518-6f-o
gray
1
120-411
PC 2518-6f-o
gray
1
Enclosure - high cover
84 mm (3.31 in)
110-911
PS 2518-8f-o
gray
1
120-911
PC 2518-8f-o
gray
1
Enclosure - top hat cover
137 mm (5.39 in)
109-411
PS 2518-14f-o
gray
1
121-411
PC 2518-14f-o
gray
1
Enclosure - low cover
63 mm (2.48 in)
111-011
PS 2518-6f-to
trans.
1
130-011
PC 2518-6f-to
trans.
1
Enclosure - high cover
84 mm (3.31 in)
111-511
PS 2518-8f-to
trans.
1
130-511
PC 2518-8f-to
trans.
1
Enclosure - top hat cover
137 mm (5.39 in)
112-011
PS 2518-14f-to
trans.
1
131-011
PC 2518-14f-to
trans.
1
Sidewalls with Metric Knockouts
Polystyrene
Polycarbonate
1
Ordering
Height
Cover
Std.
Cover
Std.
Information
mm (in)
Cat. No.
Type
Color
Pk.
Cat. No.
Type
Color
Pk.
Enclosure - low cover
63 mm (2.48 in)
105-411
PS 2518-6f-m
gray
1
127-411
PC 2518-6f-m
gray
1
Enclosure - high cover
84 mm (3.31 in)
105-911
PS 2518-8f-m
gray
1
127-911
PC 2518-8f-m
gray
1
Enclosure - top hat cover
137 mm (5.39 in)
104-411
PS 2518-14f-m
gray
1
128-411
PC 2518-14f-m
gray
1
Enclosure - low cover
63 mm (2.48 in)
106-011
PS 2518-6f-tm
trans.
1
137-011
PC 2518-6f-tm
trans.
1
Enclosure - high cover
84 mm (3.31 in)
106-511
PS 2518-8f-tm
trans.
1
137-511
PC 2518-8f-tm
trans.
1
Enclosure - top hat cover
137 mm (5.39 in)
107-011
PS 2518-14f-tm
trans.
1
138-011
PC 2518-14f-tm
trans.
1
Accessories
Ordering
Std.
Information
Cat. No.
Type
Pk.
Mounting Plate
195-008
MP2518
1
DIN Rail TS35-216mm
198-216
TS 35/216
1
Hinge Kit Set
190-005
HK2
1
Mounting Tab Kit
194-001
MT1
1
Please refer to pages 116-120 for additional accessories and detailed information.
TK 2518f – Polystyrene and Polycarbonate – 254x180mm (10.0x7.09in.)
Standard Features
• Protection Level:
IP66 (NEMA Type: 4X with gray cover,
12K with transparent cover)
• Technical:
Smooth or Knockout Sidewalls
Gray or Tinted Transparent Cover
Multiple Enclosure Mounting Options
• Enclosure Material: Polystyrene or Polycarbonate
• Gasket Material:
Polyurethane
• Color:
Light Gray
• Temperature Range: Polystyrene
-40°C to 70°C (-40°F to 158°F)
Polycarbonate
-35°C to 120°C (-31°F to 248°F)
• Accessories:
See section below
E254144
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
34
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com