Electronic Components Datasheet Search
  English  ▼

X  

110-409 Datasheet(PDF) 2 Page - Altech corporation

Part # 110-409
Description  TK 77 -Polystyrene and Polycarbonate-65x65mm (2.56x2.56in.)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

110-409 Datasheet(HTML) 2 Page - Altech corporation

  110-409 Datasheet HTML 1Page - Altech corporation 110-409 Datasheet HTML 2Page - Altech corporation 110-409 Datasheet HTML 3Page - Altech corporation 110-409 Datasheet HTML 4Page - Altech corporation 110-409 Datasheet HTML 5Page - Altech corporation 110-409 Datasheet HTML 6Page - Altech corporation 110-409 Datasheet HTML 7Page - Altech corporation 110-409 Datasheet HTML 8Page - Altech corporation 110-409 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
15
25.0 mm
(0.98 in)
31.0 mm
(1.22 in)
50.0 mm
(1.97 in)
65.0 mm
(2.56 in)
69.0 mm
(2.72 in)
45.0 mm
(1.77 in)
57.0 mm
(2.24 in)
81.0 mm
(3.19 in)
36.0 mm
(1.42 in)
59.0 mm
(2.32 in)
42.0 mm
(1.65 in)
A
B
Knockout Positions
(all 4 sides)
Dimensions
32.5 mm
(1.28 in)
65.0 mm
(2.56 in)
M 20 - 20.0 mm (0.79 in)
M 16 - 16.0 mm (0.63 in)
TK 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com