Electronic Components Datasheet Search
  English  ▼

X  

ECS45US12 Datasheet(PDF) 4 Page - XP Power Limited

Part # ECS45US12
Description  2560 Watts ECS Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS45US12 Datasheet(HTML) 4 Page - XP Power Limited

  ECS45US12 Datasheet HTML 1Page - XP Power Limited ECS45US12 Datasheet HTML 2Page - XP Power Limited ECS45US12 Datasheet HTML 3Page - XP Power Limited ECS45US12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
08-Oct-13
ECS60
Models and Ratings
J1 mates with Molex Housing PN 09-50-1031
J2 mates with Molex Housing PN 09-50-1041
and both with Molex Series 5194 Crimp Terminals
Input Connector J1
Molex PN 09-65-2038
Pin 1
Line
Pin 2
Neutral
0.25” Faston
Earth
Output Connector J2
Molex PN 09-65-2048
Pin 1
+V1
Pin 2
+V1
Pin 3
RTN
Pin 4
RTN
1.05 (26.7)
0.14 (3.5)
Components may
extend beyond
edge of PCB
by 0.04 (1.0)
J2
1
4
1.62
(41.1)
1.30
(33.0)
0.20 (5.1)
C5
C18
T1
Q1
0.28 (7.1)
A
A
4 x ø0.156 (3.96) mounting holes
ø3.12 (7.92) clearance top and bottom
3.00 (76.2)
1.75
(44.4)
0.12
(3.18)
2.00
(50.8)
2.75 (69.8)
0.12
(3.1)
Mounting points A should be connected together for optimum EMI performance
0.25 faston ground tab
Mechanical Details
1. For covered versions, add suffix ‘-C’ to model number or order part number ECS25-60 COVER KIT for standalone cover. Not suitable for use in class II installations,
derate output power by 20% with cover.
Notes
Output Power
Output Voltage
Output Current
Model Number(1)
40 W
5.0 VDC
8.00 A
ECS60US05
60 W
12.0 VDC
5.00 A
ECS60US12
60 W
15.0 VDC
4.00 A
ECS60US15
60 W
24.0 VDC
2.50 A
ECS60US24
60 W
48.0 VDC
1.25 A
ECS60US48
Thermal Considerations (All ECS2560 Models)
In order to ensure safe and reliable operation of the PSU in the most adverse
conditions permitted in the end-use equipment, the temperature of the
components listed in the table must not be exceeded. See mechanical
drawings for component locations. Temperature should be monitored using
K type thermocouples placed on the hottest part of the component (out of
any direct air flow).
Temperature Measurements (Ambient
≤50 °C)
Component
Max Temperature º C
T1
110 °C
Q1
110 °C
C5
100 °C
C18
100 °C
Notes
1. All dimensions in inches (mm).
Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight: 0.22 lbs (100 g)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com