Electronic Components Datasheet Search
  English  ▼

X  

ECS45US12 Datasheet(PDF) 3 Page - XP Power Limited

Part # ECS45US12
Description  2560 Watts ECS Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS45US12 Datasheet(HTML) 3 Page - XP Power Limited

  ECS45US12 Datasheet HTML 1Page - XP Power Limited ECS45US12 Datasheet HTML 2Page - XP Power Limited ECS45US12 Datasheet HTML 3Page - XP Power Limited ECS45US12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECS45
Models and Ratings
Mechanical Details
1. For covered versions, add suffix ‘-C’ to model number or order part number ECS25-60 COVER KIT for standalone cover. Not suitable for use in class II installations,
derate output power by 20% with cover.
Notes
Output Power
Output Voltage
Output Current
Model Number(1)
30 W
5.0 VDC
6.00 A
ECS45US05
45 W
12.0 VDC
3.75 A
ECS45US12
45 W
15.0 VDC
3.00 A
ECS45US15
45 W
24.0 VDC
1.90 A
ECS45US24
45 W
48.0 VDC
0.95 A
ECS45US48
J1 mates with Molex Housing PN
09-50-1031,
J2 mates with Molex Housing PN 09-
50-1041 and both with Molex Series
5194 Crimp Terminals
Input Connector J1
Molex PN 09-65-2038
Pin 1
Line
Pin 2
Neutral
0.25” Faston
Earth
Output Connector J2
Molex PN 09-65-2048
Pin 1
+V1
Pin 2
+V1
Pin 3
RTN
Pin 4
RTN
J1 mates with Molex Housing PN
09-50-1031,
J2 mates with Molex Housing
PN 09-50-1041 and both with Molex
Series 5194 Crimp Terminals
Input Connector J1
Molex PN 09-65-2038
Pin 1
Line
Pin 2
Neutral
0.25” Faston
Earth
Output Connector J2
Molex PN 09-65-2048
Pin 1
+V1
Pin 2
+V1
Pin 3
RTN
Pin 4
RTN
0.14 (3.6) SMD Height Limit
2.75 (69.9)
1.75
(44.5)
1
0.25 (0.6) Faston Ground Tab
1.58
(40.3)
1.30
(33.0)
3.00 (76.2)
0.28
(7.0)
2
J1
J2
1
2
3
4
0.20
(5.1)
1.05
(26.7)
2.00
(50.8)
T1
C5
C18
Q1
4 x Ø.156 (3.96) Mounting Holes
Ø.312 (7.92) Clearance Top and Bottom
0.95
(24.2)
0.14 (3.6)
SMD Height
2.75 (69.9)
1.75
(44.5)
1
1.65
(41.8)
1.31
(33.3)
3.00 (76.2)
2.00
0.28
(7.0)
2
J1
J2
1
2
3
4
0.20
(5.1)
T1
C5
C18
Q1
0.25 (0.6) Faston Ground Tab
4 x Ø.156 (3.96) Mounting Holes
Ø.312 (7.92) Clearance Top and Bottom
(50.8 )
5 V version
1248 V version
Notes
1. All dimensions in inches (mm).
Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight 0.22 lbs (100 g)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com