Electronic Components Datasheet Search
  English  ▼

X  

ECS45US12 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECS45US12
Description  2560 Watts ECS Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS45US12 Datasheet(HTML) 1 Page - XP Power Limited

  ECS45US12 Datasheet HTML 1Page - XP Power Limited ECS45US12 Datasheet HTML 2Page - XP Power Limited ECS45US12 Datasheet HTML 3Page - XP Power Limited ECS45US12 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Notes
1. Safety approvals cover frequency 47-63 Hz.
2. ECS60US12 1.5% pk-pk, 20 MHz bandwidth under certain line/load conditions.
3. See longform datasheet or contact sales for details.
Specification
2560 Watts
•
IT & Medical Safety Approvals
•
Very Small 2” x 3” x 0.95” Package
•
<0.3 W No Load Input Power
•
25, 45 & 60 W
Convection Cooled Ratings
•
Class I & Class II Installations
•
20 °C to +70 °C Operation
•
3 Year Warranty
ECS Series
Input
Input Voltage
• 80-264 VAC (120-370 VDC), derate linearly
from 100% at 90 VAC to 80% at 80 VAC
Input Frequency
• 47-400 Hz(1)
Input Current
• 25 W: 0.45 A, 45 W: 0.75 A, 60 W: 0.95 A
typical at 115 VAC, full load,
25 W: 0.30 A, 45 W: 0.45 A, 60 W: 0.60 A,
typical at 230 VAC, full load
Inrush Current
• 40 A max at 230 VAC, cold start 25 ˚C
Power Factor
• EN61000-3-2, class A
No Load Input Power
• US05, 12 & 24 models: <0.3 W,
US48 and all ECS60 models: <0.5 W
Earth Leakage Current
• 260 µA at 264 VAC/60 Hz max,
80/160 µA typical 115/230 VAC
Input Protection
• T3.15 A/250 V internal fuse in line
and neutral
Output
Output Voltage
• 5-48 VDC (see tables)
Output Voltage Trim
• ±10%
Initial Set Accuracy
• ±1%
Minimum Load
• No minimum load required
Start Up Delay
• 1 s typical
Start Up Rise Time
• 50 ms
Hold Up Time
• 16 ms min at 115 VAC
Drift
• ±0.2% after 20 min warm up
Line Regulation
• ±0.5% max
Load Regulation
• ±1%
Over/Undershoot
• 5% typical
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 50-75-50% load
change
Ripple & Noise
• 1% pk-pk V1, 20 MHz bandwidth(2)
Overvoltage Protection
• 115-140% Vnom, recycle input to reset
Overload Protection
• 110-160%
Short Circuit Protection
• Continuous trip and restart (hiccup mode)
Temperature
• 0.05%/˚C
Coefficient
xppower.com
General
Efficiency
• Up to 90%, model dependant
Isolation
• 4000 VAC In to Out, 2 x MOPP, 1500 VAC In
to Earth, 1 x MOPP, 500 VDC Out to Earth, 1
x MOPP
Switching Frequency
• 65 KHz typical
Power Density
• Up to 7.9 W/in3
MTBF
• 25 & 45 W: 1072 kHrs, 60 W: 471 kHrs to
MIL-HDBK-217F at 25 ˚C, GB
Environmental
Operating Temperature
• -20 ˚C to +70 ˚C derate linearly from +50 ˚C
at 2.5%/˚C to 50% load at +70 ˚C.
Cooling
• Convection, see thermal considerations
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 ˚C to +85 ˚C
Operating Altitude
• 3000 m
Shock
• 30 g pk, half sine, 6 axes
Vibration
• 2 g rms, 5 Hz to 500 kHz, 3 axes
EMC & Safety
Low Voltage PSU EMC
• EN61204-3, high severity level
Emissions
• All models: EN55011/22 level B conducted.
45 & 60 W: EN55011/22 level A radiated,
ECS25 & some ECS60 models: level B
radiated(3)
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B,
EN60601-1-2, 30% 500 ms, 60% 100 ms,
100% 10 ms, 100% 5000 ms, Perf Criteria
A, A, A, B - 230 VAC. Consult longform
datasheet for 115 V operation.
Safety Approvals
• IEC60950-1 CB report, UL60950-1,
TUV EN60950-1, IEC60601-1 CB report,
ANSI/AAMI ES60601-1, TUV 60601-1,
Including Risk Management
Equipment Protection
• Class I and Class II
Class


Similar Part No. - ECS45US12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECS45US12 XPPOWER-ECS45US12 Datasheet
1,016Kb / 4P
25-60 Watts ECS Series
ECS45US12 XPPOWER-ECS45US12 Datasheet
4Mb / 11P
IT & Medical Safety Approvals
ECS45US12 XPPOWER-ECS45US12 Datasheet
1Mb / 4P
25-60 Watts ECS Series
27 July 2022
More results

Similar Description - ECS45US12

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA25N ASTEC-AA25N Datasheet
516Kb / 2P
25 Watts
AEV05F24 ASTEC-AEV05F24 Datasheet
434Kb / 2P
25 Watts
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
60 Watts
LPS25 ASTEC-LPS25 Datasheet
77Kb / 3P
25 Watts
LPT25 ASTEC-LPT25 Datasheet
79Kb / 3P
25 Watts
logo
XP Power Limited
ECP60UD01 XPPOWER-ECP60UD01 Datasheet
391Kb / 2P
60 Watts ECP Series
JCK6024S3V3 XPPOWER-JCK6024S3V3 Datasheet
223Kb / 2P
60 Watts JCK Series
ECS60US05 XPPOWER-ECS60US05_16 Datasheet
1,016Kb / 4P
25-60 Watts ECS Series
ECS65 XPPOWER-ECS65 Datasheet
941Kb / 5P
65/100/130 Watts ECS Series
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
60 Watts SDS Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com