Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 16 Page - Analog Devices

Part # AD5686R
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5686R Datasheet HTML 12Page - Analog Devices AD5686R Datasheet HTML 13Page - Analog Devices AD5686R Datasheet HTML 14Page - Analog Devices AD5686R Datasheet HTML 15Page - Analog Devices AD5686R Datasheet HTML 16Page - Analog Devices AD5686R Datasheet HTML 17Page - Analog Devices AD5686R Datasheet HTML 18Page - Analog Devices AD5686R Datasheet HTML 19Page - Analog Devices AD5686R Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5696/AD5694
Data Sheet
Rev. A | Page 16 of 24
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER
The AD5696/AD5694 are quad, 16-/12-bit, serial input, voltage
output DACs that operate from supply voltages of 2.7 V to 5.5 V.
Data is written to the AD5696/AD5694 in a 24-bit word format
via a 2-wire serial interface. The AD5696/AD5694 incorporate a
power-on reset circuit to ensure that the DAC output powers up
to a known output state. The devices also have a software power-
down mode that reduces the current consumption to 4 µA.
TRANSFER FUNCTION
Because the input coding to the DAC is straight binary, the ideal
output voltage is given by


×
=
N
REF
OUT
D
Gain
V
V
2
where:
VREF is the value of the external reference.
Gain is the gain of the output amplifier and is set to 1 by default.
The gain can be set to 1 or 2 using the gain select pin. When the
GAIN pin is tied to GND, all four DAC outputs have a span of
0 V to VREF. When this pin is tied to VDD, all four DAC outputs
have a span of 0 V to 2 × VREF.
D is the decimal equivalent of the binary code that is loaded to
the DAC register as follows: 0 to 4095 for the 12-bit AD5694,
and 0 to 65,535 for the 16-bit AD5696.
N is the DAC resolution (12 bits or 16 bits).
DAC ARCHITECTURE
The DAC architecture consists of a string DAC followed by an
output amplifier. Figure 33 shows a block diagram of the DAC
architecture.
Figure 33. Single DAC Channel Architecture Block Diagram
The resistor string structure is shown in Figure 34. Each resistor
in the string has a value R. The code loaded to the DAC register
determines the node on the string from which the voltage is
tapped off and fed into the output amplifier. The voltage is tapped
off by closing one of the switches that connect the string to the
amplifier. Because the AD5696/AD5694 are a string of resistors,
they are guaranteed monotonic.
Figure 34. Resistor String Structure
Output Amplifiers
The output buffer amplifier can generate rail-to-rail voltages on
its output for an output range of 0 V to VDD. The actual range
depends on the value of VREF, the GAIN pin, the offset error,
and the gain error. The GAIN pin selects the gain of the output.
•
When this pin is tied to GND, all four outputs have a gain
of 1, and the output range is from 0 V to VREF.
•
When this pin is tied to VDD, all four outputs have a gain
of 2, and the output range is from 0 V to 2 × VREF.
The output amplifiers are capable of driving a load of 1 kΩ in
parallel with 2 nF to GND. The slew rate is 0.8 V/µs with a ¼
to ¾ scale settling time of 5 µs.
INPUT
REGISTER
DAC
REGISTER
RESISTOR
STRING
REF (+)
VREF
GND
REF (–)
VOUTX
GAIN
(GAIN = 1 OR 2)
R
R
R
R
R
TO OUTPUT
AMPLIFIER
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com