Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 24 Page - Analog Devices

Part # AD5686R
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5686R Datasheet HTML 16Page - Analog Devices AD5686R Datasheet HTML 17Page - Analog Devices AD5686R Datasheet HTML 18Page - Analog Devices AD5686R Datasheet HTML 19Page - Analog Devices AD5686R Datasheet HTML 20Page - Analog Devices AD5686R Datasheet HTML 21Page - Analog Devices AD5686R Datasheet HTML 22Page - Analog Devices AD5686R Datasheet HTML 23Page - Analog Devices AD5686R Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD5696/AD5694
Data Sheet
Rev. A | Page 24 of 24
ORDERING GUIDE
Model1
Resolution
Temperature Range
Accuracy
(INL)
Package Description
Package
Option
Branding
AD5696ACPZ-RL7
16 Bits
−40°C to +105°C
±8 LSB
16-Lead LFCSP_WQ
CP-16-22
DJ8
AD5696BCPZ-RL7
16 Bits
−40°C to +105°C
±2 LSB
16-Lead LFCSP_WQ
CP-16-22
DJ9
AD5696ARUZ
16 Bits
−40°C to +105°C
±8 LSB
16-Lead TSSOP
RU-16
AD5696ARUZ-RL7
16 Bits
−40°C to +105°C
±8 LSB
16-Lead TSSOP
RU-16
AD5696BRUZ
16 Bits
−40°C to +105°C
±2 LSB
16-Lead TSSOP
RU-16
AD5696BRUZ-RL7
16 Bits
−40°C to +105°C
±2 LSB
16-Lead TSSOP
RU-16
AD5694BCPZ-RL7
12 Bits
−40°C to +105°C
±1 LSB
16-Lead LFCSP_WQ
CP-16-22
DJQ
AD5694ARUZ
12 Bits
−40°C to +105°C
±2 LSB
16-Lead TSSOP
RU-16
AD5694ARUZ-RL7
12 Bits
−40°C to +105°C
±2 LSB
16-Lead TSSOP
RU-16
AD5694BRUZ
12 Bits
−40°C to +105°C
±1 LSB
16-Lead TSSOP
RU-16
AD5694BRUZ-RL7
12 Bits
−40°C to +105°C
±1 LSB
16-Lead TSSOP
RU-16
EVAL-AD5696RSDZ
AD5696 TSSOP Evaluation Board
EVAL-AD5694RSDZ
AD5694 TSSOP Evaluation Board
1
Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2012–2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10799-0-6/13(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com