Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 19 Page - Analog Devices

Part # AD5686R
Description  Quad, 16-/12-Bit nanoDAC with I2C Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5686R Datasheet HTML 15Page - Analog Devices AD5686R Datasheet HTML 16Page - Analog Devices AD5686R Datasheet HTML 17Page - Analog Devices AD5686R Datasheet HTML 18Page - Analog Devices AD5686R Datasheet HTML 19Page - Analog Devices AD5686R Datasheet HTML 20Page - Analog Devices AD5686R Datasheet HTML 21Page - Analog Devices AD5686R Datasheet HTML 22Page - Analog Devices AD5686R Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD5696/AD5694
Rev. A | Page 19 of 24
READ OPERATION
When reading data back from the AD5696/AD5694, the user
must begin with a start command followed by an address byte
(R/W = 0), after which the DAC acknowledges that it is prepared
to receive data by pulling SDA low. The address byte must be
followed by the command byte, which determines both the read
command that is to follow and the pointer address to read from;
the command byte is also acknowledged by the DAC. The user
configures the channel to read back the contents of one or more
DAC registers and sets the readback command to active using
the command byte.
Following this, the master establishes a repeated start condition,
and the address is resent with R/W = 1. This byte is acknowledged
by the DAC, indicating that it is prepared to transmit data. Two
bytes of data are then read from the DAC, as shown in Figure 38.
A NACK condition from the master, followed by a stop condition,
completes the read sequence. If more than one DAC is selected,
Channel A is read back by default.
MULTIPLE DAC READBACK SEQUENCE
When reading data back from multiple AD5696/AD5694 DACs,
the user begins with an address byte (R/W = 0), after which the
DAC acknowledges that it is prepared to receive data by pulling
SDA low. The address byte must be followed by the command
byte, which is also acknowledged by the DAC. The user selects
the first channel to read back using the command byte.
Following this, the master establishes a repeated start condition,
and the address is resent with R/W = 1. This byte is acknowledged
by the DAC, indicating that it is prepared to transmit data. The
first two bytes of data are then read from DAC Input Register n
(selected using the command byte), most significant byte first, as
shown in Figure 38. The next two bytes read back are the contents
of DAC Input Register n + 1, and the next bytes read back are
the contents of DAC Input Register n + 2. Data is read from the
DAC input registers in this auto-incremented fashion until a
NACK followed by a stop condition follows. If the contents of
DAC Input Register D are read out, the next two bytes of data
that are read are the contents of DAC Input Register A.
Figure 38. I2C Read Operation
FRAME 2
COMMAND BYTE
FRAME 1
SLAVE ADDRESS
1
1
0
0
0
1
A1
A0
R/W
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
9
9
1
START BY
MASTER
ACK BY
AD5696/AD5694
ACK BY
AD5696/AD5694
SCL
SCL
SDA
1
9
9
1
1
9
9
1
ACK BY
AD5696/AD5694
REPEATED START BY
MASTER
ACK BY
MASTER
FRAME 4
MOST SIGNIFICANT
DATA BYTE n
FRAME 3
SLAVE ADDRESS
ACK BY
MASTER
NACK BY
MASTER
STOP BY
MASTER
FRAME 6
MOST SIGNIFICANT
DATA BYTE n + 1
FRAME 5
LEAST SIGNIFICANT
DATA BYTE n
1
0
0
0
1
A1
A0
R/W
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
SDA
SCL
(CONTINUED)
SDA
(CONTINUED)
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB15
DB14 DB13 DB12
DB11
DB10
DB9
DB8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com