Electronic Components Datasheet Search
  English  ▼

X  

CAT64LC40LITE13 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT64LC40LITE13
Description  1K/2K/4K-Bit SPI Serial E2PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC40LITE13 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT64LC40LITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Discontinued
Parts
5
CAT64LC10/20/40
Doc. No. 1021, Rev. C
INSTRUCTION SET
Instruction
Opcode
Address
Data
Read
64LC10
10101000
A5 A4 A3 A2 A1 A0 0
0
D15 - D0
64LC20
10101000
A6 A5 A4 A3 A2 A1 A0
0
D15 - D0
64LC40
10101000
A7 A6 A5 A4 A3 A2 A1 A0
D15 - D0
Write
64LC10
10100100
A5 A4 A3 A2 A1 A0 0
0
D15 - D0
64LC20
10100100
A6 A5 A4 A3 A2 A1 A0
0
D15 - D0
64LC40
10100100
A7 A6 A5 A4 A3 A2 A1 A0
D15 - D0
Write Enable
10100011
X X X X X X X X
Write Disable
10100000
X X X X X X X X
[Write All Locations](1)
10100001
X X X X X X X X
D15–D0
Figure 1. A.C. Testing Input/Output Waveform (2)(3(4) (CL = 100 pF)
Note:
(1)
(Write All Locations) is a test mode operation and is therefore not included in the A.C./D.C. Operations specifications.
(2)
Input Rise and Fall Times (10% to 90%) < 10 ns.
(3)
Input Pulse Levels = VCC x 0.2 and VCC x 0.8.
(4)
Input and Output Timing Reference = VCC x 0.3 and VCC x 0.7.
INPUT PULSE LEVELS
REFERENCE POINTS
VCC x 0.7
VCC x 0.3
VCC x 0.8
VCC x 0.2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com