Electronic Components Datasheet Search
  English  ▼

X  

CAT64LC40LITE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT64LC40LITE13
Description  1K/2K/4K-Bit SPI Serial E2PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC40LITE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT64LC40LITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Discontinued
Parts
1
ALO
GEN FR
TM
LEAD FREE
CS
SK
DI
DO
VCC
RDY/BUSY
RESET
GND
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
RDY/BUSY
RESET
GND
1
2
3
4
8
7
6
5
RDY/BUSY
VCC
CS
SK
RESET
GND
DO
DI
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
RDY/
BUSY
RESET
GND
1
2
3
4
8
7
6
5
RDY/
BUSY
VCC
CS
SK
RESET
GND
DO
DI
CAT64LC10/20/40
1K/2K/4K-Bit SPI Serial EEPROM
FEATURES
s SPI bus compatible
s Low power CMOS technology
s 2.5V to 6.0V operation
s Self-timed write cycle with auto-clear
s Hardware reset pin
s Hardware and software write protection
s Commercial, industrial and automotive
temperature ranges
s Power-up inadvertant write protection
s RDY/
BSY
BSY
BSY
BSY
BSY pin for end-of-write indication
s 1,000,000 program/erase cycles
s 100 year data retention
DESCRIPTION
The CAT64LC10/20/40 is a 1K/2K/4K-bit Serial EEPROM
which is configured as 64/128/256 registers by 16 bits.
Each register can be written (or read) serially by using
the DI (or DO) pin. The CAT64LC10/20/40 is
manufactured using Catalyst’s advanced CMOS
EEPROM floating gate technology. It is designed to
endure 1,000,000 program/erase cycles and has a data
retention of 100 years. The device is available in 8-pin
DIP, SOIC and TSSOP packages.
BLOCK DIAGRAM
PIN CONFIGURATION
DIP Package (P, L)
SOIC Package (J, W)
TSSOP Package (U, Y)
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
+2.5V to +6.0V Power Supply
GND
Ground
RESET
Reset
RDY/BUSY
Ready/BUSY Status
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1021, Rev. C
SOIC Package (S, V)
TSSOP Package (UR, YR)
64LC10/20/40 F02
VCC
ADDRESS
DECODER
MEMORY ARRAY
64/128/256 x 16
DATA
REGISTER
MODE DECODE
LOGIC
CLOCK
GENERATOR
OUTPUT
BUFFER
DO
SK
CS
DI
RESET
GND
RDY/BUSY


Similar Part No. - CAT64LC40LITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT64LC40LITE13 CATALYST-CAT64LC40LITE13 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
More results

Similar Description - CAT64LC40LITE13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
1K/2K/4K SPI Serial CMOS EEPROM
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
1K/2K/4K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com