Electronic Components Datasheet Search
  English  ▼

X  

CAT64LC40LITE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT64LC40LITE13
Description  1K/2K/4K-Bit SPI Serial E2PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT64LC40LITE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT64LC40LITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT64LC40LITE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Discontinued
Parts
3
CAT64LC10/20/40
Doc. No. 1021, Rev. C
D.C. OPERATING CHARACTERISTICS
VCC = +2.5V to +6.0V, unless otherwise specified.
Note:
(1) VOH and VOL spec applies to READY/BUSY pin also
Limits
Sym.
Parameter
Min.
Typ.
Max.
UnitsTes
t Conditions
ICC
Operating Current
2.5V
0.4
mA
fSK = 250 kHz
EWEN, EWDS, READ 6.0V
1
mA
fSK = 1 MHz
ICCP
Program Current
2.5V
2
mA
6.0V
3
mA
ISB(1)
Standby Current
3
µAVIN = GND or VCC
CS = VCC
ILI
Input Leakage Current
2
µAVIN = GND to VCC
ILO
Output Leakage Current
10
µAVOUT = GND to VCC
VIL
Low Level Input Voltage, DI
–0.1
VCC x 0.3
V
VIH
High Level Input Voltage, DI
VCC x 0.7
VCC + 0.5
V
VIL
Low Level Input Voltage,
–0.1
VCC x 0.2
V
CS, SK, RESET
VIH
High Level Input Voltage,
VCC x 0.8
VCC + 0.5
V
CS, SK, RESET
VOH(1) High Level Output Voltage
2.5V
VCC – 0.3
V
IOH = –10
µA
6.0V
VCC – 0.3
V
IOH = –10
µA
2.4
V
IOH = –400
µA
VOL(1) Low Level Output Voltage
2.5V
0.4
V
IOL = 10
µA
6.0V
0.4
V
IOL = 2.1mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com