Electronic Components Datasheet Search
  English  ▼

X  

P330 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # P330
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P330 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  P330 Datasheet HTML 1Page - List of Unclassifed Manufacturers P330 Datasheet HTML 2Page - List of Unclassifed Manufacturers P330 Datasheet HTML 3Page - List of Unclassifed Manufacturers P330 Datasheet HTML 4Page - List of Unclassifed Manufacturers P330 Datasheet HTML 5Page - List of Unclassifed Manufacturers P330 Datasheet HTML 6Page - List of Unclassifed Manufacturers P330 Datasheet HTML 7Page - List of Unclassifed Manufacturers P330 Datasheet HTML 8Page - List of Unclassifed Manufacturers P330 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 122 page
background image
LEAD LLENGTH AAND CCABLE LLENGTH IINFORMATION
E-Z-Hook offers a selection of standard length test leads, patch cords, and cable assemblies. We also offer custom
lengths to fit special requirements.
All length measurements are made in inches, see diagrams below for measuring examples:
Standard lengths in inches for test
lead aand ppatch ccord assemblies:
Standard lengths in inches
for cable assemblies:
FIELD SSERVICING IINFORMATION
Most hooks are designed to be field serviceable. To replace a lead wire,
pull on the plunger until it slips free of the body. Strip lead wire ¾"
(19mm), feed wire through plunger and wrap around terminal as
shown in figure 1. Solder and cut off excess wire at solder point.
Reassemble part, making sure the terminal and nylon fins enter their
respective grooves. Keep slack in lead wire pulled out while assembling
to prevent binding.
1
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S
= 1 each of 10 colors
S(color)= 10 of one color
S14
= Set of 10 solid, plus 4 kilo color*
S16
= Set of 10 solid, plus 6 kilo color*
(Ex. 204-12W-S or 204-12W-R/B)
Muti-color Unit:
*Kilo-Color offers 1000 different color combination
choices. See Kilo-Color info on inside back cover.
COLOR && SSET ORDERING INFORMATION
There are a many different color options when ordering E-Z-Hook parts.
Please refer to the chart to the right for set information.
Standard CColors: Black, brown, red, orange, yellow, green, blue, violet, gray,
and white.
Kilo-CColors: See inside back cover.
18" (45cm)
24" (60cm)
36" (90cm)
48" (120cm)
60" (150cm)
3" (8cm) lead wire
4" (10cm) lead wire
6" (15cm)
8" (20cm)
12" (30cm)
6" (15cm)
12" (30cm)
18" (45cm)
24" (60cm)
30" (75cm)
36" (90cm)
48" (120cm)
60" (150cm)
*longer lengths available
HOW TTO O
ORDER TTEST LLEADS && CCABLE AASSEMBLIES
Ordering E-Z-Hook test leads and cable assemblies is E-Z. Select the part number supplied in the product section, then
select your lead or cable length and color. Example: 704XR-18-RED (Part No.-Length-Color). Variations of each hook
may be ordered in place of the standard hook. Ordering information is provided at the beginning of each section.
Orrderr DDesk: 11 ((800) 9995-HHOOK
NOTE: To disassemble XM Micro-Hook connectors or leads, actuate plunger to expose hook and grasp behind hook with long nose pliers
before pulling plunger off.
Failure to do so will result in damage to part.
CAN’T FFIND W
WHAT YYOU’RE LLOOKING FFOR? N
NO PPROBLEM!
If you cannot find what you are looking for or require precise details, please don’t hesistate to contact us. Custom is
standard at E-Z-Hook, and our Engineering Department is always happy to work with your specific needs.
CONTACTING EE-ZZ-HHOOK
For ordering, engineering, or custom questions please contact us toll free at 1-(800)-995-HOOK (4665), by fax
(626) 446-0972, or reach us via e-mail at info@e-z-hook.com.
Fig.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com