Electronic Components Datasheet Search
  English  ▼

X  

P330 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # P330
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P330 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button P330 Datasheet HTML 83Page - List of Unclassifed Manufacturers P330 Datasheet HTML 84Page - List of Unclassifed Manufacturers P330 Datasheet HTML 85Page - List of Unclassifed Manufacturers P330 Datasheet HTML 86Page - List of Unclassifed Manufacturers P330 Datasheet HTML 87Page - List of Unclassifed Manufacturers P330 Datasheet HTML 88Page - List of Unclassifed Manufacturers P330 Datasheet HTML 89Page - List of Unclassifed Manufacturers P330 Datasheet HTML 90Page - List of Unclassifed Manufacturers P330 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 122 page
background image
ADAPTERS BBETWEEN SSERIES
SPECIFICATIONS
HOUSING: Molded nylon, black.
BINDING PPOST: 1 red, 1 black with .166”
diameter banana sockets and .085” cross
holes.
UHF FFEMALE CCONNECTOR: Brass housing with
a tarnish resistant finish, teflon insulation and a
silver plated beryllium copper contact.
Part No.
Description
9412
UHF Female to Double
Binding Post
Part No.
Description
9417
Type "N" Female to
Double Binding Post
SPECIFICATIONS
HOUSING: Molded nylon, black.
BINDING PPOSTS: 1 red, 1 black with .166”
diameter banana sockets and .085” cross holes.
TYPE ““N” FFEMALE CCONNECTOR: Brass housing
with a tarnish resistant finish, teflon insulation and
a silver plated beryllium copper center contact.
Part No.
Description
9411
BNC Female to Double
Binding Post
SPECIFICATIONS
HOUSING: Molded nylon, black.
BINDING PPOSTS: 1 red, 1 black with .166”
diameter banana sockets and .085” cross holes.
BNC FFEMALE: Brass housing with a tarnish
resistant finish, teflon insulation and a silver
plated beryllium copper center contact.
Part No.
Description
9413
UHF Male to Double
Binding Post
SPECIFICATIONS
HOUSING: Molded nylon, black.
BINDING PPOST: 1 red, 1 black with .166”
diameter banana sockets and .085” cross holes.
UHF M
MALE CCONNECTOR: Brass housing with a
tarnish resistant finish, teflon insulation and a
silver plated brass contact.
Part No.
Description
9416
Type “N” Male to Double
Binding Post
SPECIFICATIONS
HOUSING: Molded nylon, black.
BINDING PPOSTS: 1 red, 1 black with .166”
diameter banana sockets and .085” cross holes.
TYPE ““N” M
MALE CCONNECTOR:
Brass housing with a tarnish resistant finish,
teflon insulation and a silver plated brass contact.
Part No.
Description
9410
BNC Male to Double
Binding Post
SPECIFICATIONS
HOUSING: Molded nylon, black.
BINDING PPOSTS: 1 red, 1 black with .166”
diameter banana sockets and .085” cross holes.
BNC M
MALE: Brass housing with a tarnish resistant
finish, teflon insulation and a silver plated brass
contact.
BNC M
MALE TTO DDOUBLE BBINDING PPOST AADAPTER
BNC FFEMALE TTO DDOUBLE BBINDING PPOST AADAPTER
UHF M
MALE TTO DDOUBLE BBINDING PPOST AADAPTER
UHF FFEMALE TTO DDOUBLE BBINDING PPOST AADAPTER
TYPE ““N” M
MALE TTO DDOUBLE BBINDING
POST AADAPTER
TYPE ““N” FFEMALE TTO DDOUBLE BBINDING
POST AADAPTER
Part No.
Description
9409
Double Banana Plugs
to Binding Posts
SPECIFICATIONS
BINDING PPOST: 1 red, 1 black with .166”
diameter banana sockets and .085” cross
holes.
BANANA PPLUGS: Nickel plated brass frame.
Nickel silver springs. Fits standard .166”
diameter sockets.
Part No.
Description
9329
Binding Post to Standard
Banana Plug
SPECIFICATIONS
BINDING PPOST: Molded plastic thumb-screw
with .166” dia. banana socket and .085”
diameter cross hole.
BANANA PPLUG: Nickel plated brass frame.
Nickel silver spring.
COLOR: Available in red and black.
BINDING PPOST TTO SSTANDARD BBANANA PPLUG
Part No.
Description
9325
WE-310 Plug to Bantam
Socket Adapter
SPECIFICATIONS
FRAME: Brass, unplated.
HANDLE: Molded nylon,
red in color. When the
plug is inserted in a standard
socket, tip, ring and sleeve
connection are transferred to the
bantam plug inserted in the rear of
the plug.
SPECIFICATIONS
BINDING PPOST: Molded plastic thumb-screw
with .166” diameter banana socket and .085”
dia.metercross hole.
.080” PPIN PPLUG: Nickel plated brass
COLOR: Available in red and black.
BINDING PPOST TTO ..080 PPIN PPLUG
Part No.
Description
9330
Binding Post to .080"
Pin Plug
84
DOUBLE BBANANA PPLUGS TTO BBINDING PPOSTS
WE 3310 ((PJ 551) PPLUG TTO M
MINIATURE BBANTAM SSOCKET AADAPTER
www.e-zz-hhooook.coom
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com