Electronic Components Datasheet Search
  English  ▼

X  

P330 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # P330
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P330 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button P330 Datasheet HTML 6Page - List of Unclassifed Manufacturers P330 Datasheet HTML 7Page - List of Unclassifed Manufacturers P330 Datasheet HTML 8Page - List of Unclassifed Manufacturers P330 Datasheet HTML 9Page - List of Unclassifed Manufacturers P330 Datasheet HTML 10Page - List of Unclassifed Manufacturers P330 Datasheet HTML 11Page - List of Unclassifed Manufacturers P330 Datasheet HTML 12Page - List of Unclassifed Manufacturers P330 Datasheet HTML 13Page - List of Unclassifed Manufacturers P330 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
Part Number
Description
XK-(color)
Micro-Hook Double Gripper
Colors: Available in 10 standard colors. See inside back cover for details.
Standard M
Model CConstruction:
Durable nylon body and plunger. Two contact blades of gold-
plated stainless steel are connected directly to lead wire. The two
blades are retracted by a single stainless steel compression
spring. All XKs purchased with factory installed leads (ex. AXK,
213XK) are made with stainless steel blades.
Part is field serviceable (see page 1).
The double gripper is designed for hard to make test connections of varying sizes
and shapes. The narrow configuration allows stacking of the test connectors side
by side for high density IC packages.
E-ZZ M
MICRO-HHOOK: XK DDOUBLE G
GRIPPER
XK25SS
MICRO-HHOOK DDOUBLE GRIPPER W
WITH
.025” SSQUARE PPIN
Construction:
Identical to standard XK model except a .025” square post is accessible through
lead exit hole in plunger. Post is designed for easy snap-on connection to .025”
(.635mm) square or .030” (.762mm) diameter patch cords.
Part Number
Description
XK25SS-(color)
XK with .025” Square Pin
Standard cconstruction:
Body and plunger are molded in durable nylon. Contact blade is made of
stainless steel. Blade is formed into two hooks and two .025" square
pins. Square pins exit plunger on either side and permit connection to
.025" square or .030" diameter sockets. Compression spring is made of
stainless steel.
The double gripper is designed for hard to make test connections of
varying sizes and shapes. The double hooks assure a solid contact with
easy-to-use spring loaded design.The narrow nose configuration is ideal
for side-by-side stacking of the test connectors.
E-ZZ M
MICRO-HHOOK: XKM DDOUBLE G
GRIPPER
Colors: Available in 10 standard colors. See inside back cover for details.
7
E-ZZ-HHook llead ooptions: Use with .025” or .030” socket patch cords on pages 52-53.
E-ZZ-HHook llead ooptions: Use with .025” or .030” socket patch cords on pages 52-53.
XKM
XK
Orrderr DDesk: 11 ((800) 9995-HHOOK
Part Number
Description
XKM-(color)
E-Z-Micro Double Gripper
Actual SSize
Actual SSize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com