Electronic Components Datasheet Search
  English  ▼

X  

XK25SS Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # XK25SS
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XK25SS Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button XK25SS Datasheet HTML 47Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 48Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 49Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 50Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 51Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 52Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 53Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 54Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 122 page
background image
ALLIGATOR CCLIP TTEST LLEADS
Gator Model
Wire Guage
Part Number
Standard
22 AWG PVC
292-(length)-(color)
Standard
18 AWG PVC
692-(length)-(color)
Miniature
22 AWG PVC
292M-(length)-(color)
Miniature
18 AWG PVC
692M-(length)-(color)
Coil cord, add C after part no. (Ex. 292MC)
ALLIGATOR CCLIP: See selected gator model.
FEMALE 66-332 TTHREAD: See Part No. 9212.
ALLIGATOR CCLIP TT0 ..250” ((6.35mm) IINSULATED SSPADE LLUG
ALLIGATOR CCLIP: See selected gator model.
.250” ((6.35mm) IINSULATED SSPADE LLUG: See Part No. 9208.
Gator Model
Wire Guage
Part Number
Standard
22 AWG PVC
288-(length)-(color)
Standard
18 AWG PVC
688-(length)-(color)
Miniature
22 AWG PVC
288M-(length)-(color)
Miniature
18 AWG PVC
688M-(length)-(color)
Coil cord, add C after part no. (Ex. 688C)
ALLIGATOR CCLIP TT0 ..140” ((3.57mm) IINSULATED SSPADE LLUG
ALLIGATOR CCLIP: See selected gator model.
.140” ((3.57mm) IINSULATED SSPADE LLUG: See Part No. 9209.
Gator Model
Wire Guage
Part Number
Standard
22 AWG PVC
289-(length)-(color)
Standard
18 AWG PVC
689-(length)-(color)
Miniature
22 AWG PVC
289M-(length)-(color)
Miniature
18 AWG PVC
689M-(length)-(color)
Coil cord, add C after part no. (Ex. 689MC)
ALLIGATOR CCLIP TTO FFEMALE 66-332 TTHREAD
48
www.e-zz-hhooook.coom
m
ALLIGATOR CCLIP TT0 SSHROUDED RRIGHT AANGLE BBANANA PPLUG
ALLIGATOR CCLIP: See Part No. 9274.
SHROUDED RRIGHT AANGLE BBANANA PPLUG: See Part No. 9302.
Gator Model
Wire Guage
Part Number
Standard
18 AWG PVC
9819-(length)-(color)
ALLIGATOR CCLIP TT0 SSHROUDED BBANANA PPLUG
ALLIGATOR CCLIP: See Part No. 9274.
SHROUDED BBANANA PPLUG: See Part No. 9386.
Gator Model
Wire Guage
Part Number
Standard
18 AWG PVC
9915-(length)-(color)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com