Electronic Components Datasheet Search
  English  ▼

X  

XK25SS Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # XK25SS
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XK25SS Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button XK25SS Datasheet HTML 82Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 83Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 84Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 85Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 86Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 87Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 88Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 89Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 122 page
background image
Part No.
Description
9326
Tarnish Resistant Finish Housing
9048
Silver Finish, UG-349 B/U
SPECIFICATIONS
HOUSING: Brass with a tarnish
resistant finish.
INSULATION: Teflon.
CONTACTS: Brass and beryllium
copper, silver plated.
ELECTRICAL: 50 Ohm.
TYPE ““N” FFEMALE TTO BBNC M
MALE AADAPTER
Part No.
Description
9327
Adapter, Tarnish Resistant Finish
9047
Adapter UG 201 A/U Silver Finish
“N” M
MALE TTO BBNC FFEMALE AADAPTER
SPECIFICATIONS
HOUSING: Brass.
INSULATION: Teflon.
CONTACT: Beryllium copper,
silver plated.
ELECTRICAL: 50 Ohm.
IMPEDANCE: 1000 VRMS.
Part No.
Description
9315
TNC Female to BNC Male
SPECIFICATIONS
HOUSING: Brass with a tarnish
resistant finish.
INSULATION: Teflon.
CONTACTS: Brass and beryllium
copper, silver plated.
ELECTRICAL: 50 Ohm.
IMPEDANCE: 500 VRMS.
TNC FFEMALE TTO BBNC M
MALE AADAPTER
Part No.
Description
9298
TNC Male to BNC Female
SPECIFICATIONS
HOUSING: Brass with a
tarnish resistant finish.
INSULATION: Teflon.
CONTACT: Beryllium copper
and brass, gold plated.
ELECTRICAL: 50 Ohm.
IMPEDANCE: 500 VRMS.
TNC M
MALE TTO BBNC FFEMALE AADAPTER
Part No.
Description
9244
SMA Male to BNC Male Adapter
SPECIFICATIONS
HOUSING AAND CCONTACTS:
Beryllium copper and brass,
gold plated.
INSULATION: Teflon.
ELECTRICAL: 50 Ohm.
IMPEDANCE: 1000 VRMS.
SMA M
MALE TTO BBNC M
MALE AADAPTER
Part No.
Description
9323
SMA Female to BNC Female Adapter
SPECIFICATIONS
HOUSING AAND CCONTACTS:
Beryllium copper and brass,
gold plated.
INSULATION: Teflon.
ELECTRICAL: 50 Ohm.
SMA FFEMALE TTO BBNC FFEMALE AADAPTER
Part No.
Description
9324
SMA Male to BNC Female Adapter
SPECIFICATIONS
HOUSING AAND CCONTACTS:
Beryllium copper and brass,
gold plated.
INSULATION: Teflon.
ELECTRICAL: 50 Ohm.
IMPEDANCE: 1000 VRMS.
SMA M
MALE TTO BBNC FFEMALE AADAPTER
Part No.
Description
9216
SMA Female to BNC Male Adapter
SPECIFICATIONS
HOUSING AAND CCONTACTS:
Beryllium copper and brass,
gold plated.
INSULATION: Teflon.
ELECTRICAL: 50 Ohm.
IMPEDANCE: 1000 VRMS.
SMA FFEMALE TTO BBNC M
MALE AADAPTER
ADAPTERS BBETWEEN SSERIES
SPECIFICATIONS
HOUSING: Brass with a
tarnish resistant finish.
INSULATION: Teflon.
CONTACTS: Brass and
beryllium copper, gold
plated.
LOC FFEMALE TTO BBNC M
MALE AADAPTER
Part No.
Description
8935
LOC Female to BNC Male Adapter
Part No.
Description
9001
BNC Female to UHF Male Adapter
SPECIFICATIONS
HOUSING: Brass with a tarnish
resistant finish.
INSULATION: Rexolite.
CONTACTS: Brass and beryllium
copper, silver plated.
ELECTRICAL: 50 Ohm.
IMPEDANCE: 500 VRMS.
BNC FFEMALE TTO UUHF M
MALE AADAPTER
83
Orrderr DDesk: 11 ((800) 9995-HHOOK
ELECTRICAL: 50 Ohm impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com