Electronic Components Datasheet Search
  English  ▼

X  

XK25SS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # XK25SS
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XK25SS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button XK25SS Datasheet HTML 3Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 4Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 5Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 6Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 7Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 8Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 9Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 10Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 122 page
background image
Standard m
model cconstruction:
Durable plastic body and plunger. A one-piece, gold-plated
beryllium copper blade, forms hook, conductor, and .025" square
pin. The hook is designed for connection to components with a
maximum diameter of .025”. Stainless steel compression spring
provides approx. 8 oz (227 grams) of contact pressure. The post is
designed for easy snap-on connection to .025” (.635mm) square
or .030” (.762mm) diameter patch cords.
Part Number
Description
P25-(color)
Pico-Hook with 025”Square Pin,
Gold Plated
Colors: Available in 10 colors. See inside back cover for details.
E-ZZ-M
MICRO-HHOOK: P25 && PPICO-HHOOK
P25 W
WITH .025” SSQUARE PIN
Construction: Identical to standard P25 model except the
P25SS has a stainless steel contact blade.
The P25/PICO-HOOK is designed specifically for narrow test contact areas.
An ultra-thin blade and housing allows connector stacking and easier access.
P25 SSTAINLESS STEEL
PICO-HHOOK™
Construction: Identical to standard P25 model except for blade thickness (see
diagrams) and the .025” square pin is replaced with a factory installed lead. The
maximum wire size is 24 AWG with .060” diameter insulation.
The ppico hhook iis oonly aavailable w
with ffactory iinstalled llead
Part Number
Description
P25SS-(color)
Pico-Hook with .025” Square Pin
P25 N
NON-M
MAGNETIC
Part Number
Description
P25-N
NM-(color)
Non-Magnetic, Square Hole Tip
Construction: Identical to standard P25 model, except
spring is non-magnetic.
4
E-ZZ-HHook llead ooptions: Use with .025” or .030” socket patch cords
on pages 52-53.
www.e-zz-hhooook.coom
m
Actual SSize
Actual SSize
P25
Pico HHook



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com