Electronic Components Datasheet Search
  English  ▼

X  

SCF5250VM120 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # SCF5250VM120
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250VM120 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button SCF5250VM120 Datasheet HTML 18Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 19Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 20Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 21Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 22Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 23Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 24Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 25Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
22
Freescale Semiconductor
Table 15 provides the recommended operating temperatures for the SCF5250 processor.
Table 16 provides the recommended operating supply voltages for the SCF5250 processor.
Table 14. Maximum Ratings
Rating
Symbol
Value
Units
Supply Core Voltage
Vcc
-0.5 to +2.5
V
Maximum Core Operating Voltage
Vcc
+1.32
V
Minimum Core Operating Voltage
Vcc
+1.08
V
Supply I/O Voltage
Vcc
-0.5 to +4.6
V
Maximum I/O Operating Voltage
Vcc
+3.6
V
Minimum I/O Operating Voltage
Vcc
+3.0
V
Input Voltage
Vin
-0.5 to +6.0
V
Storage Temperature Range
Tstg
-65 to150
oC
Table 15. Operating Temperature
Characteristic
Symbol
Value
Units
Maximum Operating Ambient Temperature
TAmax
851
1 This published maximum operating ambient temperature should be used only as a system design guideline. All device operating
parameters are guaranteed only when the junction temperature does not exceed 105°C.
οC
Minimum Operating Ambient Temperature
TAmin
-40
oC
Table 16. Recommended Operating Supply Voltages
Pin Name
Min
Typ
Max
CORE-VDD
1.08V
1.2V
1.32V
CORE-VSS
–
gnd
–
PAD-VDD
3.0V
3.3v
3.6V
PAD-VSS
–
gnd
–
ADVDD
3.0V
3.3v
3.6V
ADGND
–
gnd
–
OSCPAD-VDD
3.0V
3.3v
3.6V
OSCPAD-GND
–
gnd
–
PLLCORE1VDD
1.08V
1.2V
1.32V
PLLCORE1GND
–
gnd
–
PLLCORE2VDD
1.08V
1.2v
1.32V
PLLCORE2GND
–
gnd
–
LIN
3.0v
3.3V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com