Electronic Components Datasheet Search
  English  ▼

X  

SCF5250VM120 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # SCF5250VM120
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250VM120 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button SCF5250VM120 Datasheet HTML 21Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 22Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 23Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 24Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 25Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 26Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 27Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 28Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
25
NOTE
The signals shown in Figure 2 are in relation to the clock. No relationship
between signals is implied or intended.
Table 20. Clock Timing Specification
Num
Characteristic
Min
Max
Units
–
CRIN Frequency1
1 There are only three choices for the valid Audio frequencies 11.29 MHz, 16.93 MHz, or 33.86 MHz; no other
values are allowed. The System Clock is derived from one of these crystals via an internal PLL.
5.00
33.86
MHz
C5
PSTCLK cycle time
7.1
–
ns
C6
PSTCLK duty cycle
40
60
%
C7
BCLK cycle time
14.2
–
ns
C8
BCLK duty cycle
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com