Electronic Components Datasheet Search
  English  ▼

X  

SCF5250VM120 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # SCF5250VM120
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250VM120 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button SCF5250VM120 Datasheet HTML 42Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 43Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 44Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 45Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 46Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 47Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 48Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 49Page - Freescale Semiconductor, Inc SCF5250VM120 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
46
Freescale Semiconductor
J2
A6
O
SDRAM address / static adr
Out
L1
A5
O
SDRAM address / static adr
Out
P_GND
PAD_GND
PAD_GND
J3
A4
O
SDRAM address / static adr
Out
K2
A3
O
SDRAM address / static adr
Out
L2
A2
O
SDRAM address / static adr
Out
M1
A1
O
SDRAM address / static adr
Out
K3
CS0
O
Static chip select 0
Out
L3
RWB
O
Bus write enable
Out
J5
OSCPAD_VDD
OSCPAD_VDD
M2
CRIN
Crystal / external clock input
X
N1
CROUT
Crystal clock output
X
J6
OSCPAD_GND
OSCPAD_GND
K5
PLLCORE_VDD
PLLCORE_VDD
K5
PLLCORE_VDD
PLLCORE_VDD
K5
PLLCORE_VDD
PLLCORE_VDD
K6
PLLCORE_GND
PLLCORE_GND
K6
PLLCORE_GND
PLLCORE_GND
K6
PLLCORE_GND
PLLCORE_GND
M3
OE
O
Output enable
Out
M4
IDEDIOW_GP32
I/O
IDE DIOW
Out / High
M5
IDEIORDY_GP33
I/O
IDE interface IORDY
Out / Low
N3
IDEDIOR_GP31
I/O
IDE interface DIOR
Out / High
M6
BUFENB2_GP30
I/O
External Buffer 2 enable
Out / High
P2
BUFENB1_GP29
I/O
External Buffer 1 enable
Out / High
N4
TA_GP12
I/O
Transfer acknowledge
In (requires
pull-up for normal
operation)
Table 36. 196 MAPBGA Pin Assignments (continued)
MAPBGA
Pin
Name
Type
Description
Pin State
After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com