Electronic Components Datasheet Search
  English  ▼

X  

NX8530NH366 Datasheet(PDF) 4 Page - California Eastern Labs

Part # NX8530NH366
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8530NH366 Datasheet(HTML) 4 Page - California Eastern Labs

  NX8530NH366 Datasheet HTML 1Page - California Eastern Labs NX8530NH366 Datasheet HTML 2Page - California Eastern Labs NX8530NH366 Datasheet HTML 3Page - California Eastern Labs NX8530NH366 Datasheet HTML 4Page - California Eastern Labs NX8530NH366 Datasheet HTML 5Page - California Eastern Labs NX8530NH366 Datasheet HTML 6Page - California Eastern Labs NX8530NH366 Datasheet HTML 7Page - California Eastern Labs NX8530NH366 Datasheet HTML 8Page - California Eastern Labs NX8530NH366 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet PL10716EJ01V0DS
4
NX8530NH, NX8531NH
Table A: DWDM wavelength based on ITU-T recommendations (@TLD = Tset) (2/2)
Wavelength Code
ITU-T Wavelength
*1
Frequency
Wavelength Code
ITU-T Wavelength
*1
Frequency
(nm)
(THz)
(nm)
(THz)
695
1 569.59
191.00
904
1 590.41
188.50
704
1 570.42
190.90
912
1 591.26
188.40
712
1 571.24
190.80
921
1 592.10
188.30
720
1 572.06
190.70
929
1 592.95
188.20
728
1 572.89
190.60
937
1 593.79
188.10
737
1 573.71
190.50
946
1 594.64
188.00
745
1 574.54
190.40
954
1 595.49
187.90
753
1 575.37
190.30
963
1 596.34
187.80
761
1 576.20
190.20
971
1 597.19
187.70
770
1 577.03
190.10
980
1 598.04
187.60
778
1 577.86
190.00
988
1 598.89
187.50
786
1 578.69
189.90
997
1 599.75
187.40
795
1 579.52
189.80
6006
1 600.60
187.30
803
1 580.35
189.70
6014
1 601.46
187.20
811
1 581.18
189.60
6023
1 602.31
187.10
820
1 582.02
189.50
6031
1 603.17
187.00
828
1 582.85
189.40
6040
1 604.03
186.90
836
1 583.69
189.30
6048
1 604.88
186.80
845
1 584.53
189.20
6057
1 605.74
186.70
853
1 585.36
189.10
6066
1 606.60
186.60
862
1 586.20
189.00
6074
1 607.47
186.50
870
1 587.04
188.90
6083
1 608.33
186.40
878
1 587.88
188.80
6091
1 609.19
186.30
887
1 588.73
188.70
6100
1 610.06
186.20
895
1 589.57
188.60
*1 The value which omitted and computed the 3rd place below the decimal point



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com