Electronic Components Datasheet Search
  English  ▼

X  

NX8530NH366 Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX8530NH366
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8530NH366 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button NX8530NH366 Datasheet HTML 2Page - California Eastern Labs NX8530NH366 Datasheet HTML 3Page - California Eastern Labs NX8530NH366 Datasheet HTML 4Page - California Eastern Labs NX8530NH366 Datasheet HTML 5Page - California Eastern Labs NX8530NH366 Datasheet HTML 6Page - California Eastern Labs NX8530NH366 Datasheet HTML 7Page - California Eastern Labs NX8530NH366 Datasheet HTML 8Page - California Eastern Labs NX8530NH366 Datasheet HTML 9Page - California Eastern Labs NX8530NH366 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet PL10716EJ01V0DS
6
NX8530NH, NX8531NH
ELECTRO-OPTICAL CHARACTERISTICS (TLD = Tset, TC = 5 to +75°C, BOL)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Laser Set Temperature
Tset
0
5
5
3
°C
V
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
op
V
0
.
2
9
.
0
I
t
n
e
r
r
u
C
d
l
o
h
s
e
r
h
T
th
A
m
0
4
0
2
5
Optical Output Power (average)
PAVG
IF = Iop, TLD = Tset (NX8530NH)
0
4
dBm
IF = Iop, TLD = Tset (NX8531NH)
4
7
I
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
op
A
m
0
0
1
Threshold Output Power
Pth
IF = Ith
0
0
1
W
Slope Efficiency
A
/
W
1
.
0
4
0
.
0
)
H
N
0
3
5
8
X
N
(
W
C
8
1
.
0
8
0
.
0
)
H
N
1
3
5
8
X
N
(
W
C
Peak Emission Wavelength
p
Pf = 10 mW, CW, TLD = Tset
1 528
ITU-T
*1
1 563
nm
0
1
6
1
4
6
5
1
Side Mode Suppression Ratio
SMSR
CW, IF = Iop
B
d
5
3
0
3
Relative Intensity Noise
RIN
CW, IF = Iop, f = 20 MHz to 3 GHz
140
dB/Hz
t
e
m
i
T
e
s
i
R
r
20-80%, TC = 25°
s
p
0
2
1
C
t
e
m
i
T
ll
a
F
f
80-20%, TC = 25°
s
p
0
2
1
C
Electrical Input Return Loss
S11
B
d
6
z
H
G
3
o
t
z
H
M
0
5
=
f
3
z
H
G
5
o
t
z
H
G
3
=
f
W
B
h
t
d
i
W
d
n
a
B
3 dB, IF = Iop
z
H
G
5
.
2
T
P
D
y
t
l
a
n
e
P
n
o
i
s
r
e
p
s
i
D
C
= 25°C
*2
B
d
0
.
2
*1 Available for DWDM wavelengths based on ITU-T recommendations
(100 GHz grid, please refer to the ORDERING INFORMATION)
*2 2.48832 Gb/s, PRBS 2
23
1, NRZ, Extinction Ratio
≥ 9.0 dB, 2 400 ps/nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com