Electronic Components Datasheet Search
  English  ▼

X  

NX8530NH366 Datasheet(PDF) 7 Page - California Eastern Labs

Part # NX8530NH366
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8530NH366 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button NX8530NH366 Datasheet HTML 3Page - California Eastern Labs NX8530NH366 Datasheet HTML 4Page - California Eastern Labs NX8530NH366 Datasheet HTML 5Page - California Eastern Labs NX8530NH366 Datasheet HTML 6Page - California Eastern Labs NX8530NH366 Datasheet HTML 7Page - California Eastern Labs NX8530NH366 Datasheet HTML 8Page - California Eastern Labs NX8530NH366 Datasheet HTML 9Page - California Eastern Labs NX8530NH366 Datasheet HTML 10Page - California Eastern Labs NX8530NH366 Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet PL10716EJ01V0DS
7
NX8530NH, NX8531NH
ELECTRO-OPTICAL CHARACTERISTICS
(Applicable to Monitor PD: TLD = Tset, TC = 5 to +75°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
I
t
n
e
r
r
u
C
r
o
t
i
n
o
M
m
Pf = 5 mW (NX8530NH)
0.08
2.0
mA
Pf = 10 mW (NX8531NH)
I
t
n
e
r
r
u
C
k
r
a
D
D
VR
A
n
0
0
1
V
5
=
Tracking Error
*1
Im = const.
1.0
1.0
dB
*1
= 10 log
Pf
(mW)
0
Im
Im
TLD = Tset, TC = 25 C
TLD = Tset, TC = –5 to +75 C
Pf2
Pf1
ELECTRO-OPTICAL CHARACTERISTICS
(Applicable to Thermistor and TEC: TLD = Tset, TC = 5 to +75°C, BOL)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Thermistor Resistance
R
TLD = 25°
k
5
.
0
1
0
.
0
1
5
.
9
C
B
t
n
a
t
s
n
o
C
B
3 350
3 450
3 550
K
I
t
n
e
r
r
u
C
r
e
l
o
o
C
C
T = 40°C (NX8530NH)
0.4
A
T = 40°C (NX8531NH)
0.5
V
e
g
a
t
l
o
V
r
e
l
o
o
C
C
T = 40°C (NX8530NH)
1.0
V
T = 40°C (NX8531NH)
1.5
Pf1
Pf2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com