Electronic Components Datasheet Search
  English  ▼

X  

AD9524BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9524BCPZ
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9524BCPZ Datasheet HTML 1Page - Analog Devices AD9524BCPZ Datasheet HTML 2Page - Analog Devices AD9524BCPZ Datasheet HTML 3Page - Analog Devices AD9524BCPZ Datasheet HTML 4Page - Analog Devices AD9524BCPZ Datasheet HTML 5Page - Analog Devices AD9524BCPZ Datasheet HTML 6Page - Analog Devices AD9524BCPZ Datasheet HTML 7Page - Analog Devices AD9524BCPZ Datasheet HTML 8Page - Analog Devices AD9524BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Data Sheet
AD9524
Rev. E | Page 5 of 56
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLOCK OUTPUT DRIVERS—LOWER POWER MODE ON
Channel x control register, Bit 4 = 1
LVDS Mode, 7 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
10
10.8
mA
f = 122.88 MHz
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
27
29.8
mA
f = 983.04 MHz
LVDS Mode, 3.5 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
6.5
7.5
mA
f = 122.88 MHz
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
23
26.3
mA
f = 983.04 MHz
LVPECL Compatible Mode
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
11
12.4
mA
f = 122.88 MHz
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
28
31.2
mA
f = 983.04 MHz
HSTL Mode, 16 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
20
24.3
mA
f = 122.88 MHz
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
50
59.1
mA
f = 983.04 MHz
HSTL Mode, 8 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
11
12.7
mA
f = 122.88 MHz
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
27
31.8
mA
f = 983.04 MHz
1
x and y are the pair of differential outputs that share the same power supply. For example, VDD3_OUT[0:1] is Supply Voltage Clock Output OUT0, OUT0 (Pin 41 and Pin 40,
respectively) and Supply Voltage Clock Output OUT1, OUT1 (Pin 38 and Pin 37, respectively).
2
The current for Pin 34 (VDD1.8_OUT[0:3]) is 2× that of the other VDD1.8_OUT[x:y] pairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com