Electronic Components Datasheet Search
  English  ▼

X  

AD9524BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9524BCPZ
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9524BCPZ Datasheet HTML 4Page - Analog Devices AD9524BCPZ Datasheet HTML 5Page - Analog Devices AD9524BCPZ Datasheet HTML 6Page - Analog Devices AD9524BCPZ Datasheet HTML 7Page - Analog Devices AD9524BCPZ Datasheet HTML 8Page - Analog Devices AD9524BCPZ Datasheet HTML 9Page - Analog Devices AD9524BCPZ Datasheet HTML 10Page - Analog Devices AD9524BCPZ Datasheet HTML 11Page - Analog Devices AD9524BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
AD9524
Data Sheet
Rev. E | Page 8 of 56
DISTRIBUTION OUTPUT CHARACTERISTICS (OUT0, OUT0 TO OUT5, OUT5)
Duty cycle performance is specified with the invert divider bit set to 1, and the divider phase bits set to 0.5. (For example, for Channel 0,
0x196[7] = 1 and 0x198[7:2] = 000001.) Output Voltage Reference VDD in Table 9 refers to the 3.3 V supply VDD3_OUT[x:y] supply.
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL MODE1
Maximum Output Frequency
1
GHz
Minimum VCO/maximum dividers
Rise Time/Fall Time (20% to 80%)
117
147
ps
100 Ω termination across output pair
Duty Cycle
47
50
52
%
f < 500 MHz
43
48
52
%
f = 500 MHz to 800 MHz
40
49
54
%
f = 800 MHz to 1 GHz
Differential Output Voltage Magnitude
643
775
924
mV
Voltage across pins; output driver static
Common-Mode Output Voltage
VDD − 1.5
VDD − 1.4
VDD − 1.25
V
Output driver static
SCALED HSTL MODE, 16 mA
Maximum Output Frequency
1
GHz
Minimum VCO/maximum dividers
Rise Time/Fall Time (20% to 80%)
112
141
ps
100 Ω termination across output pair
Duty Cycle
47
50
52
%
f < 500 MHz
44
48
51
%
f = 500 MHz to 800 MHz
40
49
54
%
f = 800 MHz to 1 GHz
Differential Output Voltage Magnitude
1.3
1.6
1.7
V
Voltage across pins, output driver static;
nominal supply
Supply Sensitivity
0.6
mV/mV
Change in output swing vs. VDD3_OUT[x:y]
(ΔVOD/ΔVDD3)
Common-Mode Output Voltage
VDD − 1.76
VDD − 1.6
VDD − 1.42
V
LVDS MODE, 3.5 mA
Maximum Output Frequency
1
GHz
Rise Time/Fall Time (20% to 80%)
138
161
ps
100 Ω termination across output pair
Duty Cycle
48
51
53
%
f < 500 MHz
43
49
53
%
f = 500 MHz to 800 MHz
41
49
55
%
f = 800 MHz to 1 GHz
Differential Output Voltage Magnitude
Balanced
247
454
mV
Voltage across pins; output driver static
Unbalanced
50
mV
Absolute difference between voltage
magnitude of normal pin and inverted pin
Common-Mode Output Voltage
1.125
1.375
V
Output driver static
Common-Mode Difference
50
mV
Voltage difference between output pins;
output driver static
Short-Circuit Output Current
3.5
24
mA
Output driver static
CMOS MODE
Maximum Output Frequency
250
MHz
Rise Time/Fall Time (20% to 80%)
387
665
ps
15 pF load
Duty Cycle
45
50
55
%
f = 250 MHz
Output Voltage High
Output driver static
VDD − 0.25
V
Load current = 10 mA
VDD − 0.1
V
Load current = 1 mA
Output Voltage Low
Output driver static
0.2
V
Load current = 10 mA
0.1
V
Load current = 1 mA
1
See the Multimode Output Drivers section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com