Electronic Components Datasheet Search
  English  ▼

X  

AD9524BCPZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9524BCPZ
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524BCPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9524BCPZ Datasheet HTML 18Page - Analog Devices AD9524BCPZ Datasheet HTML 19Page - Analog Devices AD9524BCPZ Datasheet HTML 20Page - Analog Devices AD9524BCPZ Datasheet HTML 21Page - Analog Devices AD9524BCPZ Datasheet HTML 22Page - Analog Devices AD9524BCPZ Datasheet HTML 23Page - Analog Devices AD9524BCPZ Datasheet HTML 24Page - Analog Devices AD9524BCPZ Datasheet HTML 25Page - Analog Devices AD9524BCPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
AD9524
Data Sheet
Rev. E | Page 22 of 56
Input 2× Frequency Multiplier
The 2× frequency multiplier provides the option to double
the frequency at the PLL2 input. This allows the user to take
advantage of a higher frequency at the input to the PLL (PFD)
and, thus, allows for reduced in-band phase noise and greater
separation between the frequency generated by the PLL and the
modulation spur associated with PFD. However, increased
reference spur separation results in harmonic spurs introduced
by the frequency multiplier that increase as the duty cycle deviates
from 50% at the OSC_IN inputs. As such, beneficial use of the
frequency multiplier is application-specific. Typically, a VCXO
with proper interfacing has a duty cycle that is approximately
50% at the OSC_IN inputs. Note that the maximum output
frequency of the 2× frequency multipliers must not exceed the
maximum PFD rate that is specified in Table 12.
PLL2 Feedback Divider
PLL2 has a feedback divider (N divider) that enables it to provide
integer frequency up-conversion. The PLL2 N divider is a com-
bination of a prescaler (P) and two counters, A and B. The total
divider value is
N = (P × B) + A
where P = 4.
The feedback divider is a dual modulus prescaler architecture,
with a nonprogrammable P that is equal to 4. The value of the B
counter can be from 4 to 63, and the value of the A counter can
be from 0 to 3. However, due to the architecture of the divider,
there are constraints, as listed in Table 46.
PLL2 Loop Filter
The PLL2 loop filter requires the connection of an external
capacitor from LF2_EXT_CAP (Pin 9) to LDO_VCO (Pin 12),
as illustrated in Figure 25. The value of the external capacitor
depends on the operating mode and the desired phase noise
performance. For example, a loop bandwidth of approximately
500 kHz produces the lowest integrated jitter. A lower bandwidth
produces lower phase noise at 1 MHz but increases the total
integrated jitter.
Table 21. PLL2 Loop Filter Programmable Values
RZERO
(Ω)
CPOLE1
(pF)
RPOLE2
(Ω)
CPOLE2
(pF)
LF2_EXT_CAP1
(pF)
3250
48
900
Fixed at 16
Typical at 1000
3000
40
450
2750
32
300
2500
24
225
2250
16
2100
8
2000
0
1850
1
External loop filter capacitor.
VCO Divider
The VCO divider provides frequency division between the internal
VCO and the clock distribution. The VCO divider can be set to
divide by 4, 5, 6, 7, 8, 9, 10, or 11.
VCO Calibration
The AD9524 on-chip VCO must be manually calibrated to ensure
proper operation over process and temperature. This is accom-
plished by setting the calibrate VCO bit (Register 0x0F3, Bit 1)
to 1. (This bit is not self-clearing.) The setting can be performed
as part of the initial setup before executing the IO_Update bit
(Register 0x234, Bit 0 = 1). A readback bit, VCO calibration
in progress (Register 0x22D, Bit 0), indicates when a VCO
calibration is in progress by returning a logic true (that is, Bit 0
= 1). If the EEPROM is in use, setting the calibrate VCO bit
(Register 0x0F3, Bit 1) to 1 before saving the register settings
to the EEPROM ensures that the VCO calibrates automatically
after the EEPROM has loaded. After calibration, it is recommended
that a sync be initiated (for more information, see the Clock
Distribution Synchronization section).
Note that the calibrate VCO bit defaults to 0. This bit must
change from 0 to 1 to initiate a calibration sequence. Therefore,
any subsequent calibrations require the following sequence:
1. Register 0x0F3, Bit 1 (calibrate VCO bit) = 0
2. Register 0x234, Bit 0 (IO_Update bit) = 1
3. Register 0x0F3, Bit 1 (calibrate VCO bit) = 1
4. Register 0x234, Bit 0 (IO_Update bit) = 1
VCO calibration is controlled by a calibration controller that runs
off the VCXO input clock. The calibration requires that PLL2 be
set up properly to lock the PLL2 loop and that the VCXO clock
be present.
During power-up or reset, the distribution section is automatically
held in sync until the first VCO calibration is finished. Therefore,
no outputs can occur until VCO calibration is complete and PLL2
is locked.
Initiate a VCO calibration under the following conditions:
•
After changing any of the PLL2 B counter and A counter
settings or after a change in the PLL2 reference clock
frequency. This means that a VCO calibration should be
initiated any time that a PLL2 register or reference clock
changes such that a different VCO frequency is the result.
•
Whenever system calibration is desired. The VCO is designed
to operate properly over extremes of temperature even when
it is first calibrated at the opposite extreme. However, a VCO
calibration can be initiated at any time, if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com