Electronic Components Datasheet Search
  English  ▼

X  

ADP3208A Datasheet(PDF) 17 Page - Analog Devices

Part # ADP3208A
Description  7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3208A Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP3208A Datasheet HTML 13Page - Analog Devices ADP3208A Datasheet HTML 14Page - Analog Devices ADP3208A Datasheet HTML 15Page - Analog Devices ADP3208A Datasheet HTML 16Page - Analog Devices ADP3208A Datasheet HTML 17Page - Analog Devices ADP3208A Datasheet HTML 18Page - Analog Devices ADP3208A Datasheet HTML 19Page - Analog Devices ADP3208A Datasheet HTML 20Page - Analog Devices ADP3208A Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
ADP3208A
Rev. 2 | Page 17 of 38 | www.onsemi.com
IR = AR × IRAMP
AD
0.2V
CLOCK
OSCILLATOR
Q
S
RD
FLIP-FLOP
IR = AR × IRAMP
AD
0.2V
CLOCK
OSCILLATOR
Q
S
RD
FLIP-FLOP
VCC
L
RI
L
RI
LOAD
CR
CR
DRVH
DRVL
GATE DRIVER
SW
VCC
DRVL1
SW1
DRVH1
BST
BST1
5V
IN
DRVH
DRVL
GATE DRIVER
SW
VCC
DRVL2
SW2
DRVH2
BST
BST2
5V
RAMP
RA
CFB
RFB
CA
CB
VDC
VCS
RCS
CCS
RPH
RPH
COMP
FB
FBRTN
CSCOMP
CSSUM
CSREF
LLINE
+
+–
+
–
+
Figure 25. Dual-Phase PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com