Electronic Components Datasheet Search
  English  ▼

X  

ADP3208A Datasheet(PDF) 21 Page - Analog Devices

Part # ADP3208A
Description  7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3208A Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP3208A Datasheet HTML 17Page - Analog Devices ADP3208A Datasheet HTML 18Page - Analog Devices ADP3208A Datasheet HTML 19Page - Analog Devices ADP3208A Datasheet HTML 20Page - Analog Devices ADP3208A Datasheet HTML 21Page - Analog Devices ADP3208A Datasheet HTML 22Page - Analog Devices ADP3208A Datasheet HTML 23Page - Analog Devices ADP3208A Datasheet HTML 24Page - Analog Devices ADP3208A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ADP3208A
Rev. 2 | Page 21 of 38 | www.onsemi.com
limit alert is released and the control of the internal COMP
voltage is transferred from the voltage error amplifier to the
current limit amplifier to maintain an average output current
determined by the set current limit level.
When the output voltage is less than 200 mV during start-up, a
secondary current limit is activated. This is necessary because
the voltage swing on the CSCOMP cannot extend below ground.
The secondary current limit circuit clamps the internal COMP
voltage at around 1.6 V, resulting in duty cycle limited operation.
There is also an inherent per phase current limit that protects
individual phases in case any of the phases stop functioning due
to a faulty component. This limit is based on the maximum
normal mode COMP voltage.
If the output current exceeds the current limit threshold or
the output voltage is outside the PWRGD range, the SS pin is
discharged by an internal sink current of 2 μA. A comparator
monitors the SS pin voltage and shuts off the controller when
the voltage drops to less than about 1.65 V. Because the voltage
ramp (2.9 V − 1.65 V = 1.25 V) and the discharge current (2 μA)
are internally fixed, the current limit latch-off delay time is
determined by the external SS pin capacitor selection.
Figure 28 shows how the ADP3208 reacts to a current overload.
3
1
2
4
1ms/DIV
CURRENT LIMIT
APPLIED
LATCHED
OFF
SWITCH NODE 10V/DIV
SS PIN 2V/DIV
PWRGD 2V/DIV
OUTPUT VOLTAGE 1V/DIV
Figure 28. Current Overload
The controller cycles the phases during the latch-off delay time.
If the current overload is removed and the PWRGD is recovered
before the 1.65 V threshold is reached, the controller resumes
normal operation and the SS pin voltage recovers to a 2.9 V
clamp level.
The latch off can be reset by either removing and reapplying
VCC or by briefly cycling the EN pin low and high. To disable
the current limit latch-off function, an external pull-up resistor
can be tied from the SS pin to the VCC rail. The pull-up current
must override the 2 μA sink current of the SS pin to prevent the
SS capacitor from discharging to a voltage level that is less than
the 1.65 V latch-off threshold.
CHANGING VID ON THE FLY
The ADP3208 is designed to track dynamically changing VID
code. As a consequence, the CPU VCC voltage can change
without the need to reset the controller or the CPU. This
concept is commonly referred to as VID on-the-fly (VID OTF)
transient. A VID OTF can occur with either light or heavy load
conditions. The processor alerts the controller that a VID
change is occurring by changing the VID inputs in LSB
incremental steps from the start code to the finish code. The
change can be either upwards or downwards steps.
When a VID input changes, the ADP3208 detects the change
but ignores new code for a minimum of 400 ns. This delay is
required to prevent the device from reacting to digital signal
skew while the 7-bit VID input code is in transition. Additionally,
the VID change triggers a PWRGD masking timer to prevent
a PWRGD failure. Each VID change resets and retriggers the
internal PWRGD masking timer.
As listed in Table 6, during a VID transient, the ADP3208 forces
PWM mode regardless of the state of the system input signals.
For example, this means that if the chip is configured as a dual-
phase controller but is running in single-phase mode due to a
light load condition, a current overload event causes the chip to
switch to dual-phase mode to share the excessive load until the
delayed current limit latch-off cycle terminates.
In user-set single-phase mode, the ADP3208 usually runs in
RPM mode. When a VID transition occurs, however, the
ADP3208 switches to dual-phase PWM mode.
Light Load RPM DCM Operation
In single-phase normal mode, DPRSLP is pulled low and the
APD3208 operates in continuous conduction mode (CCM)
over the entire load range. The upper and lower MOSFETs are
always running synchronously and in complementary phase.
See Figure 29 for the typical waveforms of the ADP3208
running in CCM with a 7 A load current.
3
1
2
4
400ns/DIV
OUTPUT VOLTAGE 20mV/DIV
INDUCTOR CURRENT 5A/DIV
SWITCH NODE 5V/DIV
LOW-SIDE GATE DRIVE 5V/DIV
Figure 29. Single-Phase Waveforms in CCM
If DPRSLP is pulled high, the ADP3208 operates in RPM mode.
If the load condition is light, the chip enters discontinuous con-
duction mode (DCM). Figure 30 shows a typical single-phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com